Electronic Components Datasheet Search
  English  ▼

X  

SP6332 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP6332
Description  Quad 關Power Supervisory Circuits with Manual Reset & Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6332 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP6332 Datasheet HTML 5Page - Sipex Corporation SP6332 Datasheet HTML 6Page - Sipex Corporation SP6332 Datasheet HTML 7Page - Sipex Corporation SP6332 Datasheet HTML 8Page - Sipex Corporation SP6332 Datasheet HTML 9Page - Sipex Corporation SP6332 Datasheet HTML 10Page - Sipex Corporation SP6332 Datasheet HTML 11Page - Sipex Corporation SP6332 Datasheet HTML 12Page - Sipex Corporation SP6332 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Nov20-06 Rev M
SP6330/32/34 Quad Power Supervisory Circuit Family
© Copyright 2006 Sipex Corporation
12
Part Naming Nomenclature
SP63NN - Th1 - Th2 - TOPT
T1 -- 50 ms
T2 -- 100 ms
T3 -- 200 ms
T4 -- 400 ms
A -- 0.788 V
B -- 0.833 V
C -- 1.050 V
D -- 1.110 V
E -- 1.313 V
F -- 1.388 V
G -- 1.575 V
H -- 1.665 V
I -- 2.188 V
J -- 2.313 V
Z -- 4.625 V
Y -- 4.375 V
X -- 3.075 V
W -- 2.925 V
V -- 2.625 V
U -- 2.320 V
T -- 2.190 V
S -- 1.670 V
R -- 1.580 V
30 -- Quad Sp, MR, WDI, OD RSTB
31 -- Quad Sp, OD RSTB
32 -- Quad Sp, MR, WDI, CMOS RSTB
33 -- Quad Sp, CMOS RSTB
34 -- Quad Sp, MR, WDI, CMOS RST
35 -- Quad Sp, CMOS RST
36 -- Triple Sp, WDI, PF, OD RSTB
37 -- Triple Sp, WDI, PF, CMOS RSTB
38 -- Triple Sp, WDI, PF, CMOS RST
39 -- Triple Sp, MR, WDI, OD RSTB - WDOB
40 -- Dual Sp, WDI, OD RSTB - WDOB
41 -- Triple Sp, WDI, PF, CMOS RSTB - WDOB
42 -- Dual Sp, WDI, CMOS RSTB - WDOB
{
{
{
A
B
C
D
E
F
G
H
I
J
K
L
M
A
B
C
D
Example:
AZJD means:
SP6330 in TSOT-8 lead package
V1 Threshold is 4.625V
V2 Threshold is 2.313V
Reset Timeout is 400ms
AZJD
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com