Electronic Components Datasheet Search
  English  ▼

X  

RF3158 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3158
Description  QUAD-BAND GSM/EDGE/GSM850/EGSM900 /DCS/PCS POWER AMPLIFIER MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3158 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3158 Datasheet HTML 1Page - RF Micro Devices RF3158 Datasheet HTML 2Page - RF Micro Devices RF3158 Datasheet HTML 3Page - RF Micro Devices RF3158 Datasheet HTML 4Page - RF Micro Devices RF3158 Datasheet HTML 5Page - RF Micro Devices RF3158 Datasheet HTML 6Page - RF Micro Devices RF3158 Datasheet HTML 7Page - RF Micro Devices RF3158 Datasheet HTML 8Page - RF Micro Devices RF3158 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2 of 26
RF3158
Rev A2 DS070615
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC)
-0.5 to +6.0
V
Power Control Voltage (V
RAMP)
-0.5 to +3.0
V
Band Select
3.0
V
TX Enable
3.0
V
VMODE
3.0
V
RF - Input Power
12.0
dBm
Max Duty Cycle
50
%
Output Load VSWR
10:1
Operating Case Temperature
-20 to +85
°C
Storage Temperature
-55 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
VRAMP Power Control (GMSK
Mode)
Power Control Range
0.30
2.10
V
VRAMP Input Current
40
uA
VRAMP=VRAMP,MAX
VRAMP Bias Control
(8PSK Mode)
High Bias Mode
2.1
2.15
V
High Bias Mode
Low Bias Mode
0.4
0.6
2.0
V
Low Bias Mode
VRAMP Input Current
40
uA
VRAMP=VRAMP,MAX
VMODE Switch
VMODE “HIGH”
1.5
V
8PSK Mode
VMODE “LOW”
0
0.7
V
GMSK Mode
VMODE Input Current
-10
10
uA
Band Switch
BAND_SEL “HIGH”
1.5
V
High Band (DCS/PCS)
BAND_SEL “LOW”
0
0.7
V
Low Band (GSM850/GSM900)
BAND_SEL Input Current
-10
10
uA
TX_EN Switch
TX_EN “HIGH”
1.5
V
PA “ON”
TX_EN “LOW”
0
0.7
V
PA “OFF”
TX_EN Input Current
-10
10
uA
Overall Power Supply
VCC Range
3.2
3.6
4.5
V
Performance specified
3.0
4.8
V
Functional with performance degraded
Off Current
10
uA
TX_EN low
Caution! ESD sensitive device.
The information in this publication is believed to be accurate and reliable. How-
ever, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use,
nor for any infringement of patents, or other rights of third parties, resulting
from its use. No license is granted by implication or otherwise under any patent
or patent rights of RFMD. RFMD reserves the right to change component cir-
cuitry, recommended application circuitry and specifications at any time without
prior notice.
RoHS status based on EUDirective2002/95/EC (at time of this document revi-
sion).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com