Electronic Components Datasheet Search
  English  ▼

X  

SP6648 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6648
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6648 Datasheet HTML 7Page - Sipex Corporation SP6648 Datasheet HTML 8Page - Sipex Corporation SP6648 Datasheet HTML 9Page - Sipex Corporation SP6648 Datasheet HTML 10Page - Sipex Corporation SP6648 Datasheet HTML 11Page - Sipex Corporation SP6648 Datasheet HTML 12Page - Sipex Corporation SP6648 Datasheet HTML 13Page - Sipex Corporation SP6648 Datasheet HTML 14Page - Sipex Corporation SP6648 Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Date: 6/7/06 Rev B
SP6648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© 2006 Sipex Corporation
V
OUT Programming
The SP6648 can be programmed as either a
voltage source or a current source. To program
the SP6648 as a voltage source, the SP6648
requires 2 feedback resistors R1 & R2, as shown
in the SP6648EB evaluation board schematic, to
control the output voltage. To set VOUT in the
voltage mode, use the equation:
R1 = [(VOUT/1.25)-1] * R2
Using the R
LIM Function
The peak inductor current, IPEAK, is programmed
externally by the RLIM resistor connected be-
tween the RLIMpin and GND. The peak inductor
current is defined by:
IPEAK = 1600/RLIM
The saturation current specified for the inductor
needs to be greater than the peak current to avoid
saturating the inductor, which would result in a
loss in efficiency and could damage the induc-
tor. The SP6648 evaluation board uses a RLIM
value of 1.87K for an IPEAK = 850mA to allow
the circuit to deliver up to 180mA for 1.3V input
and 400mA for 2.6V input. Other values could
be selected using the above relationships.
Using the LBON - Low Battery Output
Function
The SP6648 will regulate the output until the
input battery is completely discharged or until
the under voltage lock-out (UVLO) occurs at
VBATT = 0.61V. To provide a low battery warn-
ing, the Low Battery Output function of the
SP6648 can be used. LBON is programmed
externally by the R3 and R4 resistor divider
connected between VBATT , the LBI input pin
and GND. The LBON is an open drain output,
which is active low and is pulled up by a 1M
Ω
resistor R5 to VOUT. When the LBI comparator
falling threshold of 0.61V is reached, the LBON
output goes low as determined by the relation-
ship:
VLOWBATT = 0.61 * [(R3 + R4)/R4]
The SP6648 evaluation board R3 & R4 resistors
have been set to trip for a falling battery thresh-
old of about 2.0V. Using this relationship, other
low battery threshold values can be set by the
user.
UVLO the Under Voltage Lock-Out Function
Once started up, the SP6648 will regulate the
output until the input battery is completely dis-
charged or until the under voltage lock-out
(UVLO) occurs at VBATT = 0.61V. The UVLO
function will completely open all switches until
the battery again rises above the 0.61V thresh-
old.
Maximum Startup Current
It should be noted that for low input voltages the
SP6648 startup circuit cannot support large load
currents at startup. In startup the SP6648 needs
to boost the output from zero volts using the
input voltage. Once the output is greater than
1.9V, the operating circuit takes over and the
SP6648 can supply much more current. Curves
of maximum load current in startup for the
SP6648 are shown in the typical performance
characteristics and can be compared with the
page one curve for maximum load current in
operation.
For 1-cell battery applications, it is recommended
to apply any large load current after the SP6648
has started up, typically in a few milliseconds.
This is typically not a problem in many applica-
tions where the load is a processor whose load
current is low until the processor voltage comes
up.
APPLICATIONS INFORMATION : Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com