Electronic Components Datasheet Search
  English  ▼

X  

RF3315 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF3315
Description  BROADBAND HIGH LINEARITY AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3315 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF3315 Datasheet HTML 4Page - RF Micro Devices RF3315 Datasheet HTML 5Page - RF Micro Devices RF3315 Datasheet HTML 6Page - RF Micro Devices RF3315 Datasheet HTML 7Page - RF Micro Devices RF3315 Datasheet HTML 8Page - RF Micro Devices RF3315 Datasheet HTML 9Page - RF Micro Devices RF3315 Datasheet HTML 10Page - RF Micro Devices RF3315 Datasheet HTML 11Page - RF Micro Devices RF3315 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
4-565
RF3315
Rev A10 050318
MTTF versus Junction Temperature,
(60%Confidence Interval)
1.0
10.0
100.0
1000.0
10000.0
100000.0
1000000.0
100.0
125.0
150.0
175.0
200.0
Junction Temperature (°C)
ICC versus VCC Across Temperature
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
3.03.5
4.04.5
5.05.5
6.0
VCC (V)
-40°C
25°C
85°C
Output VSWR versus Frequency Across Temperature,
VCC=5.0V (900MHz Application Circuit)
1.0
1.5
2.0
2.5
3.0
3.5
700.0
750.0
800.0
850.0
900.0
950.0
1000.0
1050.0
Frequency (MHz)
-40°C
25°C
85°C
Input VSWR versus Frequency Across Temperature
VCC=5.0V (900MHz Application Circuit)
1.0
1.5
2.0
2.5
3.0
3.5
700.0
750.0
800.0
850.0
900.0
950.0
1000.0
1050.0
Frequency (MHz)
-40°C
25°C
85°C
Noise Figure versus Frequency Across Temperature
VCC=5.0V (900MHz Application Circuit)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
700.0
750.0
800.0
850.0
900.0
950.0
1000.0
1050.0
Frequency (MHz)
-40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com