Electronic Components Datasheet Search
  English  ▼

X  

RF3330 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3330
Description  IF GAIN CONTROLLED AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3330 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3330 Datasheet HTML 1Page - RF Micro Devices RF3330 Datasheet HTML 2Page - RF Micro Devices RF3330 Datasheet HTML 3Page - RF Micro Devices RF3330 Datasheet HTML 4Page - RF Micro Devices RF3330 Datasheet HTML 5Page - RF Micro Devices RF3330 Datasheet HTML 6Page - RF Micro Devices RF3330 Datasheet HTML 7Page - RF Micro Devices RF3330 Datasheet HTML 8Page - RF Micro Devices RF3330 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
3-136
RF3330
Rev A4 060908
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
7
V
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-60 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Typical performance is at TA=+25°C,
VCC=5V.
DC Specifications
Supply Voltage
4.75
5.0
5.25
V
Supply Current
18
25
mA
AGC Control Voltage
0.5
3.3
V
0.5V=Minimum Gain
3.3V=Maximum Gain
AGC Input Impedance
10
M
Ω
AC Specifications
3dB Bandwidth
150
MHz
Voltage Gain
Maximum
33.0
34.0
dB
VAGC=3.3V
Minimum
8.0
10.0
dB
VAGC=0.5V
Maximum Input Level
50
dBmV(rms)
While meeting distortion specification
Maximum Output Level
50
dBmV(rms)
While meeting distortion specification
Output 1dB Compression
66
dBmV(rms)
Maximum Gain
Output Harmonic Distortion
-44
-40
dBc
Output level=50dBmV(rms); VAGC=3.3V
Input IP3, Maximum Gain
45
dBmV(rms)
Output level=50dBmV(rms); VAGC=3.3V
Input IP3, Minimum Gain
60
dBmV(rms)
Output level=50dBmV(rms); VAGC=0.5V
Input Noise, Maximum Gain
4.5
nV/rtHz
Input Noise, Minimum Gain
42
nV/rtHz
Output Impedance
10
Ω
Differential
Input Impedance
2000
Ω
Differential
Output Load Impedance
1
k
Ω
Differential
Output Load Capacitance
2
pF
Differential
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com