Electronic Components Datasheet Search
  English  ▼

X  

B7848 Datasheet(PDF) 3 Page - EPCOS

Part # B7848
Description  SAW Components Low-Loss Filter for Mobile Communication 860,5 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7848 Datasheet(HTML) 3 Page - EPCOS

  B7848 Datasheet HTML 1Page - EPCOS B7848 Datasheet HTML 2Page - EPCOS B7848 Datasheet HTML 3Page - EPCOS B7848 Datasheet HTML 4Page - EPCOS B7848 Datasheet HTML 5Page - EPCOS B7848 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Oct 18, 2004
SAW Components
B7848
860,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= +25
± 2 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
—
860,5
—
MHz
Maximum insertion attenuation
α
max
851,0
... 870,0
MHz
—
1,9
2,7
dB
Amplitude ripple (p-p)
∆α
851,0
... 870,0
MHz
—
0,5
1,0
dB
Group delay ripple (p-p)
∆τ
851,0
... 870,0
MHz
—
20
50
ns
Return loss (Input and Output)
851,0
... 870,0
MHz
11
14
—
dB
Attenuation
α
0,100... 806,000 MHz
45
55
—
dB
806,000... 825,000 MHz
37
51
—
dB
896,000... 902,000 MHz
28
42
—
dB
905,825... 924,825 MHz
27
51
—
dB
960,650... 979,650 MHz
37
57
—
dB
1070,300...1089,300MHz
47
55
—
dB
1089,300... 3000,000MHz
27
39
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com