Electronic Components Datasheet Search
  English  ▼

X  

SAA5246AP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA5246AP
Description  Integrated VIP and Teletext IVT1.0
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5246AP Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA5246AP Datasheet HTML 1Page - NXP Semiconductors SAA5246AP Datasheet HTML 2Page - NXP Semiconductors SAA5246AP Datasheet HTML 3Page - NXP Semiconductors SAA5246AP Datasheet HTML 4Page - NXP Semiconductors SAA5246AP Datasheet HTML 5Page - NXP Semiconductors SAA5246AP Datasheet HTML 6Page - NXP Semiconductors SAA5246AP Datasheet HTML 7Page - NXP Semiconductors SAA5246AP Datasheet HTML 8Page - NXP Semiconductors SAA5246AP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
January 1993
4
Philips Semiconductors
Product specification
Integrated VIP and Teletext (IVT1.0)
SAA5246A
PINNING
SYMBOL
PIN
DESCRIPTION
SOT240
SOT319
OSCOUT
2
27
27 MHz crystal oscillator output
OSCIN
3
28
27 MHz crystal oscillator input
OSCGND
4
29
0 V crystal oscillator ground
VSS
5, 14, 25
26, 30, 31,
43, 58
0 V ground
BLACK
7
35
video black level storage pin, connected to ground via a 100 nF capacitor
CVBS
8
36
composite video input pin. A positive-going 1 V (peak-to-peak) input is
required, connected via a 100 nF capacitor
IREF
9
37
reference current input pin, connected to ground via a 27 k
Ω resistor
VDD
1, 6, 10
25, 32, 38
+5 V positive supply
POL
11
39
STTV/LFB/FFB polarity selection pin
STTV/LFB
12
40
sync to TV output pin/line flyback input pin. Function controlled by an
internal register bit (scan sync mode)
VCR/FFB
13
42
PLL time constant switch/field input pin. Function controlled by an internal
register bit (scan sync mode)
R
15
44
dot rate character output of the RED colour information
G
16
45
dot rate character output of the GREEN colour information
B
17
47
dot rate character output of the BLUE colour information
RGBREF
18
48
input DC voltage to define the output high level on the RGB pins
BLAN
19
52
dot rate fast blanking output
COR
20
53
programmable output to provide contrast reduction of the TV picture for
mixed text and picture displays or when viewing newsflash/subtitle pages.
Open-drain output
ODD/EVEN
21
54
a 25 Hz output synchronized to the input CVBS field sync pulses to make a
non-interlaced display by adjustment of the vertical deflection currents.
Y
22
55
dot rate character output of teletext foreground colour information.
Open-drain output
SCL
23
56
serial clock input for I2C-bus. It can still be driven HIGH during power-down
of the device
SDA
24
57
serial data port for the I2C-bus. Open drain output. It can still be driven
HIGH during power-down of the device
D0-D5
26-31
60-64, 3
data ports for the page SRAM
n.c.
−
1, 2, 10, 11,
15, 18, 33,
34, 41, 46,
49 - 51, 59
not connected
D6-D7
32, 33
4, 5
data ports for the page SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com