Electronic Components Datasheet Search
  English  ▼

X  

B7853 Datasheet(PDF) 3 Page - EPCOS

Part # B7853
Description  SAW filter 2017.5 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7853 Datasheet(HTML) 3 Page - EPCOS

  B7853 Datasheet HTML 1Page - EPCOS B7853 Datasheet HTML 2Page - EPCOS B7853 Datasheet HTML 3Page - EPCOS B7853 Datasheet HTML 4Page - EPCOS B7853 Datasheet HTML 5Page - EPCOS B7853 Datasheet HTML 6Page - EPCOS B7853 Datasheet HTML 7Page - EPCOS B7853 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
March 01, 2006
B7853
2017.5 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
= –35 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
2017.5
—
MHz
Maximum insertion attenuation
α
max
2010.0
... 2025.0
MHz
—
2.1
2.8 1)
1) 2.5 dB at 25 ˚C
dB
Amplitude ripple (p-p)
∆α
2010.0
... 2025.0
MHz
—
0.2
0.9 2)
2) 0.6 dB at 25 ˚C
dB
Input VSWR
2010.0
... 2025.0
MHz
—
1.8
2.1
Output VSWR
2010.0
... 2025.0
MHz
—
1.9
2.2
Group delay ripple (p-p)
2010.0
... 2025.0
MHz
—
3
10
ns
Attenuation
α
0.0
... 1840.0
MHz
43
48
—
dB
1840.0
... 1950.0
MHz
35
44
—
dB
1950.0
... 1980.0
MHz
14 3)
3) 17 dB attenuation at 25 ˚C
19
—
dB
1980.0
... 1990.0
MHz
4.5 4)
4) 6 dB attenuation at 25 ˚C
12
—
dB
2045.0
... 2050.0
MHz
7 5)
5) 8 dB attenuation at -25 ˚C ... +85 ˚C
16
—
dB
2050.0
... 2085.0
MHz
17
25
—
dB
2085.0
... 2120.0
MHz
26
30
—
dB
2120.0
... 2160.0
MHz
33
37
—
dB
2160.0
... 4000.0
MHz
38
42
—
dB
4000.0
... 6000.0
MHz
25
33
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com