Electronic Components Datasheet Search
  English  ▼

X  

B9005 Datasheet(PDF) 4 Page - EPCOS

Part # B9005
Description  SAW Components Low Loss Filter for Mobile Communication 2140,0 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9005 Datasheet(HTML) 4 Page - EPCOS

  B9005 Datasheet HTML 1Page - EPCOS B9005 Datasheet HTML 2Page - EPCOS B9005 Datasheet HTML 3Page - EPCOS B9005 Datasheet HTML 4Page - EPCOS B9005 Datasheet HTML 5Page - EPCOS B9005 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
May 19, 2004
SAW Components
B9005
2140,0 MHz
Low Loss Filter for Mobile Communication
Data Sheet
Characteristics
Reference temperature:
T
= -10 ... 85 ˚C
Terminating source impedance:
ZS = 100 Ω
Terminating load impedance:
ZL = 100 Ω
min.
typ.
max.
Center frequency
fc
—
2140,0
—
MHz
Maximum insertion attenuation
α
max
2110,0
...2170,0
MHz
—
2,0
2,6
dB
Amplitude ripple (p-p)
∆α
2110,0
...2170,0
MHz
—
0,7
1,0
dB
Amplitude ripple per 5 MHz channel (p-p)
∆α
5MHz
2110,0
...2170,0
MHz
—
0,4
0,5
dB/5MHz
Output phase balance (
φ(S
out2)−φ(Sout1)+180˚)
2110,0 MHz ...
2170,0
MHz
-10
0 / 3
10
˚
Output amplitude balance
(|S
out2/Sout1|)
2110,0 MHz ...
2170,0
MHz
-1,0
0 / 0,3
1,0
dB
Input VSWR
vswrIN
2110,0
...2170,0
MHz
—
1,8
2,1
Output VSWR
vswrOUT
2110,0
...2170,0
MHz
—
1,8
2,1
Attenuation
α
min
0,3
...1920,0
MHz
25
29
—
dB
1920,0
...1980,0
MHz
30
33
—
dB
1980,0
...2075,0
MHz
13
28
—
dB
2400,0
...6000,0
MHz
20
26
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com