Electronic Components Datasheet Search
  English  ▼

X  

SP7615 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7615
Description  Four Channel Constant Current LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7615 Datasheet(HTML) 1 Page - Sipex Corporation

  SP7615_06 Datasheet HTML 1Page - Sipex Corporation SP7615_06 Datasheet HTML 2Page - Sipex Corporation SP7615_06 Datasheet HTML 3Page - Sipex Corporation SP7615_06 Datasheet HTML 4Page - Sipex Corporation SP7615_06 Datasheet HTML 5Page - Sipex Corporation SP7615_06 Datasheet HTML 6Page - Sipex Corporation SP7615_06 Datasheet HTML 7Page - Sipex Corporation SP7615_06 Datasheet HTML 8Page - Sipex Corporation SP7615_06 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Oct 23-06
SP7615 Four Channel Constant Current LED Driver
© Copyright 2006 Sipex Corporation
SP7615
The SP7615 is a linear constant current driver designed to drive multiple LEDs in series from
a high input voltage rail. The driver acts as a high current matched, four-channel current
source ensuring constant LED current for a range of input voltages. The SP7615 allows
implementing the lowest cost LED driver for a variety of applications. Internal circuitry
maintains the pre-set constant current output for a wide voltage range at the LED outputs
(LED1,2,3,4). LED current can be adjusted up to 125mA per string with an external resistor.
The dimming can be achieved by controlling the ISET input or by feeding a PWM signal to
the EN pin. Fast EN turn-on and turn-off time allows for very fast PWM dimming frequencies,
completely eliminating flicker. The built-in thermal protection automatically adjusts LED
current to prevent overheating.
TYPICAL APPLICATION SCHEMATIC
FEATURES
■ Cost Effective LED driver
■ Constant current output ideal for Driving LED strings
■ Four Channel LED Driver provides matched LED
current
■ Current adjusted via an external resistor
■ PWM dimming possible
■ Small 2mm x 3mm DFN package
■ Outputs can be connected in parallel to
increase drive
■ Constant current for wide cathode voltage range
(1.0V to 16V)
■ Highly integrated design, minimal components
■ Thermal shutdown protects the driver
APPLICATIONS
■ Next Generation Mobile Phones
■ PDA, DSC, MP3 Players
■ Handheld Computers
■ LCD Display Modules
■ Keyboard Backlight
■ LED Displays
Four Channel Constant Current LED Driver
Now Available in Lead Free Packaging
DESCRIPTION
SP7615
8 Pin DFN
8
7
6
5
1
2
3
4
LED1
LED2
LED3
LED4
EN
GND
ISET
VCC
VCC
EN
GND
C1
1n
R1
SP7615
®
EN
GND
LED1
VCC
ISET
LED2
LED3
LED4


Similar Part No. - SP7615_06

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7615EB SIPEX-SP7615EB Datasheet
84Kb / 4P
Evaluation Board Manual
SP7615ER SIPEX-SP7615ER Datasheet
84Kb / 4P
Evaluation Board Manual
SP7615ERTR SIPEX-SP7615ERTR Datasheet
84Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
More results

Similar Description - SP7615_06

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7615 SIPEX-SP7615 Datasheet
244Kb / 10P
Four Channel Constant Current LED Driver
logo
List of Unclassifed Man...
EC4101 ETC2-EC4101 Datasheet
428Kb / 6P
Four Channel Constant Current LED Driver
logo
SYNC POWER Crop.
SP1820 SYNC-POWER-SP1820 Datasheet
194Kb / 7P
Four Channels Constant Current LED Driver
logo
Integrated Silicon Solu...
IS31BL3212 ISSI-IS31BL3212 Datasheet
262Kb / 9P
FOUR CHANNEL CONSTANT CURRENT LED DRIVER
logo
SYNC POWER Crop.
SP1821 SYNC-POWER-SP1821 Datasheet
255Kb / 7P
Four Channels Constant Current LED Driver
logo
List of Unclassifed Man...
TRC-152Q070ST ETC2-TRC-152Q070ST Datasheet
930Kb / 4P
Four Channel Constant Current LED Drivers
logo
Integrated Silicon Solu...
IS31BL3212-STLS2-TR ISSI-IS31BL3212-STLS2-TR Datasheet
306Kb / 10P
FOUR CHANNEL CONSTANT CURRENT LED DRIVER
logo
Inventronics Inc.
EUC-144QXXXDT INVENTRONICS-EUC-144QXXXDT Datasheet
964Kb / 9P
144W Four-channel Constant Current IP67 Driver
Rev. I
EUC-160QXXXDT INVENTRONICS-EUC-160QXXXDT Datasheet
531Kb / 9P
160W Four-channel Constant Current IP67 Driver
Rev. N
EUC-160QXXXDV INVENTRONICS-EUC-160QXXXDV Datasheet
548Kb / 9P
160W Four-channel Constant Current IP67 Driver
Rev. O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com