Electronic Components Datasheet Search
  English  ▼

X  

2003721 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 2003721
Description  PROFINET Cat.5e
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

2003721 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  2003721 Datasheet HTML 1Page - Infinite Electronics International, Inc. 2003721 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USE OF CABLE
as a data cable for the transmission of digital and analog signals for
PROFINET systems, Industrial Ethernet & ICT network applications. For
fixed applications & limited flexible applications in harsh industrial
environments for industrial machinery, decices and cabinet wiring.
Standard acc. Profinet Spec. & according the requirements for industrial
secondary & and tertiary cabling: EN 50173, ISO / IEC 11801, TIA / EIA
568, TSB36, EN 50288, IEC 61156-5/-6
SPECIAL FEATURES
largely resistant to grease, coolant fluids and lubricants
oil-resistant: PUR & PVC acc.to DIN EN 60811-2-1 (PVC only mineral
oil)
                    Marine MUD acc.to NEK 606 (drilling mud)
UV-resistant: PUR; FEP; PVC & PE black; CMG & CMX types
optimized EMC compliant shielding
2 pairs: 10/100 Mbit / s for Industrial Ethernet
HF-characteristics Cat.5e acc. to IEC 61156-5 (AWG22), IEC 61156-6
(AWG24)
max. cable lengths at stated transmission rate:
   Typ A: 100Mbit/s - max.100m | Typ B: 100Mbit/s - max.85m
REMARKS
conform to RoHS // LABS-/silicone-free (during production)
conform to 2014/35/EU-Guideline ("Low-Voltage Directive") CE
FRNC: Flame Retardant, Non Corrosive
FC-Type = 'fast-connect' construction
Typ A: for fixed laying  |  Typ B: for flexible applications
PRODUCT INFORMATION
Conductor material:
Typ A: bare copper conductor | Typ B: copper strand tinned, supply cores: copper strand tinned
Conductor class:
Typ A: solid | Typ B: 7-wired; supply cores acc. to IEC 60228 cl. 5
Core insulation:
Data cores: polyolefin resp. foamed polyolefin or FEP, supply cores: polyolefin or PVC
Core identification:
Data cores: wh,ye-bu,og; supply cores: 0,34 mm² acc. to DIN 47100 - 1,5 mm² bk with white numerals
Stranding:
4 cores twisted to quad, HYBRID-version: data cores twisted to pairs
Shield:
SF/UTP: copper braid tinned over alu-lamin. polyester foil, metal side outs., cover. 100% | HYBRID: U/SFTP
Overall stranding:
HYBRID: screened datapairs a. supply cores stranded
Outer sheath:
PVC, PE, FEP, PUR, XP, HP, halogen-free compound
Sheath colour:
Green RAL 6018 (GN) or black RAL 9005 (BK)
Rated voltage:
125 V (not for high voltage purposes)
Loop resistance:
Max.115,0 Ω/km - AWG22; max.115,0 Ω/km - 0,34 mm²; max.26,6 Ω/km - 1,5 mm²
Capacity:
Nom. 48 nF/km
Characteristic impedance:
100 ± 15 Ω
Transfer rate:
Up to 100 Mbit/s
Min. bending radius fixed:
10 x d
Min. bending radius moved:
15 x d
Operat. temp. fixed min/max:
-40 °C / +80 °C | FRNC: -25 °C / +80 °C | FEP: -50 °C / +180 °C (short time +205 °C)
Operat. temp. moved min/max:
-10 °C / +70 °C; PUR,FEP: -30 °C / +70 °C
Halogen free:
Acc. to IEC 60754-1 (FRNC types)
Burning behavior:
PE: not flame retardant | PVC+Marine C-XP: acc. to IEC 60332-1-2 | AWM: acc. to IEC 60332-1-2, cable
flame test (UL 2556) | CMX: acc. to IEC 60332-1-2, FT1, VW-1 | CMG: acc. to IEC 60332-3-24, FT4 | CM:
acc. to IEC 60332-3-24, UL FlameExposure (UL 1685/CSA) | Marine C-HP: acc. to IEC 60332-3-22 (Cat. A/F)
Approvals:
See table right side
ITEM OVERVIEW
Product
No.
Dimension [n x
mm²]
Outer-Ø
[mm]
Cu-Index
[kg/km]
Weight
[kg/1.000]
sheath
colour
Variant
2003719
2 X 2 X AWG
22/1
6,5
33,00
68,00
green
V1: PROFINET - Standard Cat. 5e -
200 MHz UL/CSA
2003720
2 X 2 X AWG
22/7
6,5
33,00
69,00
green
V2: PROFINET - Flexible Cat. 5e -
200 MHz UL/CSA
2003721
2 X 2 X AWG
22/1
6,5
33,00
71,00
green
V3: PROFINET - FRNC Cat. 5e -
200 MHz UL/CSA
2003722
2 X 2 X AWG
22/7
6,5
33,00
72,00
green
V3: PROFINET - FRNC Cat. 5e -
200 MHz UL/CSA
2003723
2 X 2 X AWG
22/7
6,5
33,00
69,00
black
V4: PROFINET - Outdoor Cat. 5e -
200 MHz UL/CSA
2003724
2 X 2 X AWG
22/1
9,0
33,00
101,00
black
V5: PROFINET - Burial Cat. 5e -
200 MHz
2003725
2 X 2 X AWG
22/1
6,5
33,00
73,00
green
V6: PROFINET - Robust Cat. 5e -
200 MHz UL/CSA
2003726
2 X 2 X AWG
22/7
6,5
33,00
73,00
green
V6: PROFINET - Robust Cat. 5e -
200 MHz UL/CSA
PROFINET Cat.5e
03.15.01.01


Similar Part No. - 2003721

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
200372FS SUYIN-USA-200372FS Datasheet
162Kb / 1P
2.0mm BATTERY FEMALE DIP TYPE
More results

Similar Description - 2003721

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1225021-20 QUALTEK-1225021-20 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
1225022-25 QUALTEK-1225022-25 Datasheet
431Kb / 1P
CAT 5e UTP 8P8C
1225024-25 QUALTEK-1225024-25 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
1225025-01 QUALTEK-1225025-01 Datasheet
429Kb / 1P
CAT 5e UTP 8P8C
1225028-03 QUALTEK-1225028-03 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
1225034-07 QUALTEK-1225034-07 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
1225037-10 QUALTEK-1225037-10 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
1225043-20 QUALTEK-1225043-20 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
logo
List of Unclassifed Man...
PB00034 ETC2-PB00034 Datasheet
4Mb / 4P
DataTuff Cat 5e PROFINET Cables from Belden
logo
Belden Inc.
BE43769 BELDEN-BE43769 Datasheet
158Kb / 3P
RailTuff Cat 5e, PROFINET, AWG 22 (19)
2022 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com