Electronic Components Datasheet Search
  English  ▼

X  

SP7648 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP7648
Description  PackageLow Reference High efficiency Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7648 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP7648_06 Datasheet HTML 5Page - Sipex Corporation SP7648_06 Datasheet HTML 6Page - Sipex Corporation SP7648_06 Datasheet HTML 7Page - Sipex Corporation SP7648_06 Datasheet HTML 8Page - Sipex Corporation SP7648_06 Datasheet HTML 9Page - Sipex Corporation SP7648_06 Datasheet HTML 10Page - Sipex Corporation SP7648_06 Datasheet HTML 11Page - Sipex Corporation SP7648_06 Datasheet HTML 12Page - Sipex Corporation SP7648_06 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
Mar16-06 Rev B
SP7648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© 2006 Sipex Corporation
Package: 10 Pin DFn
Package: 10 Pin DFn
MIN
NOM
MAX
MIN
NOM
MAX
A
0.80
0.90
1.00
0.032
0.036
0.039
A1
0.00
0.02
0.05
0.000
0.001
0.002
A3
K
0.20
-
-
0.008
-
-
ø
0º
-
14º
0º
-
14º
b
0.18
0.25
0.30
0.008
0.010
0.012
D
D2
2.20
-
2.70
0.087
-
0.106
E
E2
1.40
-
1.75
0.056
-
0.069
e
L
0.30
0.40
0.50
0.012
0.016
0.020
3x3 10 Pin DFN
JEDEC MO-229
VARIATION VEED-5
Dimensions in Millimeters:
Controlling Dimension
Dimensions in Inches
Conversion Factor:
1 Inch = 25.40 mm
3.00 BSC
0.119 BSC
SYMBOL
SIPEX Pkg Signoff Date/Rev:
JL Aug09-05 / RevA
0.20 REF
0.008 REF
0.119 BSC
3.00 BSC
0.020 BSC
0.50 BSC
ø
(A3)
A1
A
Seating Plane
SIDE VIEW
10
1
2
3
4
5
9
8
7
6
INDEX AREA
(D/2 x E/2)
BOTTOM VIEW
b
e
L
K
D2
E2
E2/2
D2/2
Pin1 Designator
to be within this
INDEX AREA
(D/2 x E/2)
TOP VIEW
D
E
E/2
D/2
Note that Thermal
Pad (Pin 11) should
be connected to
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com