Electronic Components Datasheet Search
  English  ▼

X  

SP7648ER Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP7648ER
Description  PackageLow Reference High efficiency Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7648ER Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP7648ER Datasheet HTML 2Page - Sipex Corporation SP7648ER Datasheet HTML 3Page - Sipex Corporation SP7648ER Datasheet HTML 4Page - Sipex Corporation SP7648ER Datasheet HTML 5Page - Sipex Corporation SP7648ER Datasheet HTML 6Page - Sipex Corporation SP7648ER Datasheet HTML 7Page - Sipex Corporation SP7648ER Datasheet HTML 8Page - Sipex Corporation SP7648ER Datasheet HTML 9Page - Sipex Corporation SP7648ER Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Mar16-06 Rev B
SP7648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© 2006 Sipex Corporation
THeORY OF OPeRaTiOn
Figure 1. Inductor Current vs. Load
At light loads (as shown in plot A in Figure 1)
the charge cycle will last the maximum value
for
tON: For a 3V battery this would be as
follows: TON= K ON/ V BATT= 3.5V µS/ 3V =
1.17µS. The current built up in the coil during
the charge cycle gets fully discharged in the
discontinuous conduction mode (DCM).
When the current in the coil has reached
zero, the synchronous rectifier switch is
opened and the voltage across the coil (from
VBATTto LX) is shorted internally to eliminate
inductive ringing. With increasing load (as
shown in plot B in Figure 1) this inductor
damping time becomes shorter, because
the output will quickly drop below its regula-
tion point due to heavier load. If the load
current increases further, the SP7648 en-
ters continuous conduction mode (CCM)
where there is always current flowing in the
inductor. The charge time remains at maxi-
mum TONas long as the inductor peak
current limit is not reached as shown in plot
C in Figure 1. The inductor peak current
limit can be programmed by tying a resistor
RLIM
from the RLIM pin to ground where:
IPEAK = 1600 / RLIM
When the peak current limit is reached the
charge time is short-cycled. In plot D of
Figure 1, the switch current reaches the
peak current limit during the charge period
which ends the charge cycle and starts
the discharge cycle. However, full load is not
yet achieved because at the end of the
minimum discharge time the output was still
within regulation. Maximum load is reached
when this discharge time has shrunk to
the minimum allowed value TOFFas shown
in Plot E of Figure 1.
Component Selection
Selection of capacitors for SP7648 power
supply circuits can be made through the use
of the Component Selection Table. Capa-
citor equivalent series resistance (ESR) in
the range of 0.2 to 0.3 is a requirement for
obtaining sufficient output voltage ripple for
theSP7648toproperlyregulateunderitsload.
Forexample,intheSP7648applicationcircuit
a 0µF, 10V, X5R, surface mount ceramic
outputfiltercapacitorisused.Ceramiccapa-
citorshaveanESRtoolowtoproduceenough
output ripple for the SP7648 to regulate the
output;therefore,a0.33
resistorisadded
in series with the 0µF capacitor at the VOUT
pin.Designersshouldselectinputandoutput
capacitorswitharatingexceedingtheinductor
current ripple, which is typically set by the
inductor value and the KONvalue as given in
the following relationship:
IL(RIPPLE) = KON/L, where KON = 3.5V*µS
inductor current vs. Load
Ton Max.
Toff Min.
E. Iripple=Toff* (Vo - Vi)/L
llim
llim
llim
llim
llim
Ton Max.
Ton Max.
Ton Max.
Ton Max.
Toff Min.
Toff Min.
Toff Min.
Toff Min.
D. Toff*= (Vo - Vi)/L<Iripple<Ton*Vi/L
C. Iripple=Ton*Vi/L
B. Iripple=Ton*Vi/L
A. Iripple=Ton*Vi/L
e
D
c
B
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com