Electronic Components Datasheet Search
  English  ▼

X  

KPT06F16-8SW Datasheet(PDF) 1 Page - ITT Industries

Part # KPT06F16-8SW
Description  Brand: Cannon Product Category: Circular Product Line: MIL-DTL 26482 Series I & Mil Battery Series: KPT / SE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPT06F16-8SW Datasheet(HTML) 1 Page - ITT Industries

  KPT06F16-8SW Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet for part number KPT06F16-8SW
Our Catalog Part Number: KPT06F168SW
Brand: Cannon Product Category: Circular Product Line: MIL-DTL 26482 Series I & Mil Battery Series:
KPT / SE
Product Datasheet
Shell Style
Straight plug
Endbell Style
Grommet seal with strain relief
Gender
Socket
Shell Size
16
Contact Arrangement
16-8
Number of contacts
8 contacts size 16
Contact Type
Solder Cup
Contact Plating
Copper alloy, gold plated
Insulator Rotation
54°
Shell Material
Aluminium alloy
Shell Plating
Olive drab chromate over cadmium plating
Insulator and Gromet Material
Polychloroprene
Contact Material
Copper alloy, gold plated
Water Tightness
Acc. To VG95319 Part 2, Test No. 5.9.2
Operating Temperature
-55°/+125°C
(-67/257°F)
Mating Cycles
500 min
Vibration
200 m/s² at 10 to 2000 Hz
Contact Rating AWG16
13,0 A
Insulator Resistance
≈5000 MOhm
Test Voltage
2300 Vrms
Operating Voltage
In case of voltages greater than 50V the connector
must be used in accordance with DIN VDE part 410,
IEC 60364-4-41.
Safety Provisions
IP67 acc. to DIN 40 050
(0,2 bar pressure over 48 hrs)
General Info
All tests in accordance with VG95319 and/or if
applicable with VG95210
Harnessing Info: Contact Cross-Section
See assembly instruction
Harnessing Info: Insulator Diameter
See assembly instruction
Specifications and dimensions subject to change.
Page 1 of 1


Similar Part No. - KPT06F16-8SW

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KPT06F16-8S ITT-KPT06F16-8S Datasheet
36Kb / 1P
Brand: Cannon Product Category: Circular Product Line: MIL-DTL 26482 Series I & Mil Battery Series: KPT / SE
KPT06F16-8S23 ITT-KPT06F16-8S23 Datasheet
5Mb / 36P
KPT / KPSE / KPTC Connectors
KPT06F16-8SA206 ITT-KPT06F16-8SA206 Datasheet
5Mb / 36P
KPT / KPSE / KPTC Connectors
KPT06F16-8SF42 ITT-KPT06F16-8SF42 Datasheet
5Mb / 36P
KPT / KPSE / KPTC Connectors
More results

Similar Description - KPT06F16-8SW

ManufacturerPart #DatasheetDescription
logo
ITT Industries
045522-0001 ITT-045522-0001 Datasheet
36Kb / 1P
MIL-DTL 26482 Series I & Mil Battery
046594-0002 ITT-046594-0002 Datasheet
36Kb / 1P
Product Line: MIL-DTL 26482 Series I & Mil Battery
DAM11W1S ITT-DAM11W1S Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DBU-25P-K87-F0 ITT-DBU-25P-K87-F0 Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*U
logo
List of Unclassifed Man...
DAM11W1P ETC2-DAM11W1P Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DBM-25P ETC2-DBM-25P Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
DBMC-13X3SJ-K126 ETC2-DBMC-13X3SJ-K126 Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DCMM8W8PK87 ETC2-DCMM8W8PK87 Datasheet
34Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
logo
ITT Industries
KPTB123PS ITT-KPTB123PS Datasheet
491Kb / 4P
Cannon KPT/KPSE MIL-C-26482 Series I Connectors
logo
Glenair, Inc.
230-014 GLENAIR-230-014 Datasheet
259Kb / 2P
MIL-DTL-26482 Series I Type Hermetic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com