Electronic Components Datasheet Search
  English  ▼

X  

SP7653ER Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP7653ER
Description  Wide Input Voltage Range, 1.3MHz, Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7653ER Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP7653ER Datasheet HTML 5Page - Sipex Corporation SP7653ER Datasheet HTML 6Page - Sipex Corporation SP7653ER Datasheet HTML 7Page - Sipex Corporation SP7653ER Datasheet HTML 8Page - Sipex Corporation SP7653ER Datasheet HTML 9Page - Sipex Corporation SP7653ER Datasheet HTML 10Page - Sipex Corporation SP7653ER Datasheet HTML 11Page - Sipex Corporation SP7653ER Datasheet HTML 12Page - Sipex Corporation SP7653ER Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image

Date: /20/06
SP7653 Wide Input Voltage Range, .3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
9
Date: 2/17/06
SP7653 Wide Input Voltage Range, 1.3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
APPLICATIONS INFORMATION
The capacitor type suitable for the output capac-
itors can also be used for the input capacitors.
However, exercise extra caution when tantalum
capacitorsareused.Tantalumcapacitorsareknown
for catastrophic failure when exposed to surge
current, and input capacitors are prone to such
surge current when power supplies are connected
“live” to low impedance power sources. Although
tantalum capacitors have been successfully em-
ployed at the input, it is generally not recom-
mended.
Loop Compensation Design
The open loop gain of the whole system can be
divided into the gain of the error amplifier,
PWM modulator, buck converter output stage,
and feedback resistor divider. In order to cross
over at the desired frequency cut-off (FCO), the
gain of the error amplifier must compensate for
the attenuation caused by the rest of the loop at
this frequency. The goal of loop compensation
is to manipulate loop frequency response such
that its crossover gain at 0db, results in a slope
of -20db/dec.
The first step of compensation design is to pick
the loop crossover frequency. High crossover
frequency is desirable for fast transient response,
but often jeopardizes the power supply stability.
Crossover frequency should be higher than the
ESR zero but less than 1/5 of the switching
frequency or 60kHz. The ESR zero is contrib-
uted by the ESR associated with the output
capacitors and can be determined by:
ƒZ(ESR) =
1
2 COUT RESR
The next step is to calculate the complex conju-
gate poles contributed by the LC output filter,
ƒP(LC) =
1
2
L COUT
When the output capacitors are Ceramic, the
SP7653 Evaluation Board requires a Type III
compensation circuit to give a phase boost of
180° in order to counteract the effects of an
underdamped resonance of the output filter at
the double pole frequency.
SP7653 Voltage Mode Control Loop with Loop Dynamic
(SRz2Cz2+1)(SR1Cz3+1)
(SRESRCOUT+ 1)
[S^2LCOUT+S(RESR+RDC) COUT+1]
VIN
SR1Cz2(SRz3Cz3+1)(SRz2Cp1+1)
VRAMP_PP
VOUT
(Volts)
+
_
VREF
(Volts)
Notes: RESR = Output Capacitor Equivalent Series Resistance.
RDC = Output Inductor DC Resistance.
VRAMP_PP = SP6132 Internal RAMP Amplitude Peak to Peak Voltage.
Condition: Cz2 >> Cp1 & R1 >> Rz3
Output Load Resistance >> RESR & RDC
R2
VREF
(R1 + R2)
or
VOUT
VFBK
(Volts)
Type III Voltage Loop
Compensation
GAMP (s) Gain Block
PWM Stage
GPWM Gain
Block
Output Stage
GOUT (s) Gain
Block
Voltage Feedback
GFBK Gain Block
Definitions:
RESR = Output Capacitor Equivalent Series Resistance
RDC = Output Inductor DC Resistance
RRAMP_PP = SP7653 internal RAMP Amplitude Peak to Peak Voltage
Conditions:
CZ2 >> Cp1 and R1 >> Rz3
Output Load Resistance >>
RESR and RDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com