Electronic Components Datasheet Search
  English  ▼

X  

ACK3010 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ACK3010
Description  1.6/5.6 JACK TO 3 POLE IDC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ACK3010 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ACK3010 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.71
.110
THRU
04/10/2003
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ACK3010
A
ACK3010.SLDDRW
11
D.PARHAM
04/10/2003
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
R.CARRICK
04/10/2003
04/10/03
A
INTITIAL RELEASE
MCCORMICK
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
1.6/5.6 JACK TO 3 POLE IDC
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
C.MCCORMICK
UNDIMENSIONED FEATURES
MAY OCCUR
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
1.6/5.6 JACK
.31
ACROSS FLATS
SPECIFICATIONS;
MATERIALS;
BODY: BRASS
INNER CONTACT: PHOSPHORUS BRONZE
INSULATOR: PTFE
OUTER SLEEVE & BASE MOLDING: NORYL BLACK
IDC MOLDING: POLYESTER WHITE
FINISH;
BODY: NICKEL PLATE
CONTACT: GOLD PLATE
IDC CONTACTS: SILVER PLATE
ELECTRICAL;
CHARACTERISTIC IMPEDANCE: 75 OHM UNBALANCED
COAXIAL TO 120 OHM BALANCED TWISTED PAIR
ENVIRONMENTAL;
OPERATING TEMPERATURE RANGE: -30°C TO 75°C
APPLICATION NOTES:
0.015" TO 0.026" CONDUCTOR DIAMETER, INSULATION
DIAMETER 0.028" TO 0.56"


Similar Part No. - ACK3010

ManufacturerPart #DatasheetDescription
logo
Mersen
ACK30 MERSEN-ACK30 Datasheet
383Kb / 2P
Forklift Truck Fuses
ACK300 MERSEN-ACK300 Datasheet
383Kb / 2P
Forklift Truck Fuses
More results

Similar Description - ACK3010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393680-2 MACOM-2-1393680-2 Datasheet
133Kb / 1P
Cable jack 1.6/5.6 (75 ohm)
2-1393680-4 MACOM-2-1393680-4 Datasheet
133Kb / 1P
Cable jack 1.6/5.6 (75 ohm)
2-1393680-5 MACOM-2-1393680-5 Datasheet
133Kb / 1P
Cable jack 1.6/5.6 (75 ohm)
logo
Pasternack Enterprises,...
PE36111 PASTERNACK-PE36111 Datasheet
113Kb / 1P
CABLE ASSEMBLY, RG179B/U,1.6/5.6 PLUG TO 1.6/5.6 PLUG
logo
Rosenberger Hochfrequen...
88K171-K00L5 ROSENBERGER-88K171-K00L5 Datasheet
40Kb / 2P
Adaptor 1.6/5.6 III JACK ??BNC 75 ??JACK
78S301-K00L5 ROSENBERGER-78S301-K00L5 Datasheet
42Kb / 2P
Adaptor 1.6/5.6 PLUG ??JACK - PLUG
78K104-400L5 ROSENBERGER-78K104-400L5 Datasheet
42Kb / 2P
1.6/5.6 STRAIGHT JACK PCB
78K02-K00L5 ROSENBERGER-78K02-K00L5 Datasheet
38Kb / 2P
Adaptor 1.6/5.6 JACK - JACK
71S188-K00L5 ROSENBERGER-71S188-K00L5 Datasheet
43Kb / 2P
Adaptor BNC 75 plug ??1.6/5.6 jack
78K102-K00L5 ROSENBERGER-78K102-K00L5 Datasheet
38Kb / 2P
ADAPTOR 1.6/5.6 JACK - JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com