Electronic Components Datasheet Search
  English  ▼

X  

B9026 Datasheet(PDF) 4 Page - EPCOS

Part # B9026
Description  SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9026 Datasheet(HTML) 4 Page - EPCOS

  B9026 Datasheet HTML 1Page - EPCOS B9026 Datasheet HTML 2Page - EPCOS B9026 Datasheet HTML 3Page - EPCOS B9026 Datasheet HTML 4Page - EPCOS B9026 Datasheet HTML 5Page - EPCOS B9026 Datasheet HTML 6Page - EPCOS B9026 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Nov 04, 2005
SAW Components
B9026
1950,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -20 to +85 ˚C
Terminating source impedance:
ZS = 200 Ω (balanced) || 33 nH
Terminating load impedance:
ZL =50 Ω
min.
typ.
max.
Center frequency
fC
—
1950,0
—
MHz
Maximum insertion attenuation
α
max
1920,0
... 1980,0
MHz
—
2,7
3,2
dB
Amplitude ripple (p-p)
∆α
1920,0
... 1980,0
MHz
—
1,0
1,2
dB
Amplitude ripple per 5MHz channel (p-p)
∆α
5MHz
1920,0
... 1980,0
MHz
—
0,3
0,5
dB
Input VSWR
1920,0
... 1980,0
MHz
—
1,8
2,0
Output VSWR
1920,0
... 1980,0
MHz
—
1,8
2,0
Input amplitude balance
(|S31/S21|)
1920,0
... 1980,0
MHz
-1,0
0
1,0
dB
Input phase balance
(φ(S31)−φ(S21)+180˚)
1920,0
... 1980,0
MHz
-10
0
10
degree
Attenuation
α
50,0
...1000,0
MHz
45
55
—
1000,0
... 1795,0
MHz
40
44
—
dB
1795,0
... 1805,0
MHz
30
44
—
dB
1805,0
... 1880,0
MHz
30
33
—
dB
2110,0
... 2170,0
MHz
35
40
—
dB
2170,0
... 2800,0
MHz
35
43
—
dB
2800,0
... 6000,0
MHz
40
50
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com