Electronic Components Datasheet Search
  English  ▼

X  

B9067 Datasheet(PDF) 3 Page - EPCOS

Part # B9067
Description  SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9067 Datasheet(HTML) 3 Page - EPCOS

  B9067 Datasheet HTML 1Page - EPCOS B9067 Datasheet HTML 2Page - EPCOS B9067 Datasheet HTML 3Page - EPCOS B9067 Datasheet HTML 4Page - EPCOS B9067 Datasheet HTML 5Page - EPCOS B9067 Datasheet HTML 6Page - EPCOS B9067 Datasheet HTML 7Page - EPCOS B9067 Datasheet HTML 8Page - EPCOS B9067 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Jul 14, 2005
SAW Components
B9067
1950,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= +25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
—
1950,0
—
MHz
Maximum insertion attenuation
α
max
1920,0 ... 1980,0 MHz
—
1,9
2,2
dB
Ripple
p-p
1920,0 ... 1980,0 MHz
—
0,8
1,1
dB
Input VSWR
1920,0 ... 1980,0 MHz
—
1,9
2,3
Output VSWR
1920,0 ... 1980,0 MHz
—
1,9
2,3
Attenuation
α
0,0
...1575,0
MHz
30
35
—
dB
1575,0
...1805,0
MHz
35
39
—
dB
1805,0
...1880,0
MHz
25
32
—
dB
2025,0
...2050,0
MHz
35
44
—
dB
2110,0
...2170,0
MHz
45
50
—
dB
2300,0
...2490,0
MHz
40
46
—
dB
2490,0
...2740,0
MHz
35
41
—
dB
2740,0
...3960,0
MHz
25
31
—
dB
3960,0
...5000,0
MHz
20
25
—
dB
5000,0
...6000,0
MHz
18
23
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com