Electronic Components Datasheet Search
  English  ▼

X  

B9203 Datasheet(PDF) 2 Page - EPCOS

Part # B9203
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 1960 / 881,5 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9203 Datasheet(HTML) 2 Page - EPCOS

  B9203 Datasheet HTML 1Page - EPCOS B9203 Datasheet HTML 2Page - EPCOS B9203 Datasheet HTML 3Page - EPCOS B9203 Datasheet HTML 4Page - EPCOS B9203 Datasheet HTML 5Page - EPCOS B9203 Datasheet HTML 6Page - EPCOS B9203 Datasheet HTML 7Page - EPCOS B9203 Datasheet HTML 8Page - EPCOS B9203 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Jun 15, 2005
SAW Components
B9203
1960 / 881,5 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Chip sized SAW package QCS10F
bottom view
side view
top view
12
3
4
9
8
76
0,325
0,95
0,075
0,675
2,5
Features
q
Low-loss 2-in-1 RF filter for mobile telephone
GSM850 and GSM1900 bands, receive path
q
Usable passband:
Filter 1 (GSM1900): 60 MHz
Filter 2 (GSM850): 25 MHz
q
Unbalanced to balanced operation of both filters
q
Impedance transformation from 50
Ω to 150 Ω
of both filters
q
Suitable for GPRS class 1 to 12
q
Package for Surface Mounted Technology
(SMT)
Terminals
q
Ni, gold-plated
Dimensions in mm, approx weight tbd.
Pin configuration
1
Input [ Filter 1 ]
4
Input [ Filter 2 ]
6, 7
Output, balanced [ Filter 2 ]
8, 9
Output, balanced [ Filter 1 ]
2, 3, 5,10
Case ground
Electrostatic Sensitive Device (ESD)
* - acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses
Type
Ordering code
Marking and Package
according to
Packing
according to
B9203
B39202-B9203-G810
C61157-A7-A133
F61074-V8153-Z000
Maximum ratings
Operable temperature range
T
– 40 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
3V
ESD voltage
VESD*
50*
V
Machine Model, 10 pulses
Input power at
GSM850, GSM900,
GSM1800, GSM1900
Tx bands:
Filter 1 (GSM1900-Rx)
PIN
15
dBm
peak power of GSM signal,
Filter 2 (GSM850-Rx)
PIN
15
dBm
duty cycle 4:8
2,3,5,10
4
1
8
7
6
9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com