Electronic Components Datasheet Search
  English  ▼

X  

SP7686 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP7686
Description  Constant Current Flash Driver in DFN 2mm x 3mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7686 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP7686 Datasheet HTML 6Page - Sipex Corporation SP7686 Datasheet HTML 7Page - Sipex Corporation SP7686 Datasheet HTML 8Page - Sipex Corporation SP7686 Datasheet HTML 9Page - Sipex Corporation SP7686 Datasheet HTML 10Page - Sipex Corporation SP7686 Datasheet HTML 11Page - Sipex Corporation SP7686 Datasheet HTML 12Page - Sipex Corporation SP7686 Datasheet HTML 13Page - Sipex Corporation SP7686 Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Jul16-07 RevP
SP7686: 500mA LED Driver
2007 Sipex Corporation
- 10 -
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6V, Typical Application Circuit, D1 = Luxeon LXCL-PWF3, TA = 25˚C unless otherwise noted.
Figure 17. SP7686A Torch Mode 1X, VIN=4.2V
Figure 18. SP7686A Torch Mode 2X, VIN=2.9V
Figure 19. SP7686A 1X Torch to 2X Flash, VIN=3.3V
Figure 20. SP7686A 2X Flash to 1X Torch, VIN=3.3V
Figure 21. SP7686A Flash 1X Ripple, VIN=4.2V
Figure 22. SP7686A Torch 1X Ripple, VIN=3.0V
EN
EN
VOUT
VOUT
VFB
VFB
IIN
0.5A/div
IIN
0.5A/div
FLASH
FLASH
VOUT
VOUT
VFB
VFB
VOUT
VOUT
VFB
VFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com