Electronic Components Datasheet Search
  English  ▼

X  

SP7680EB Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP7680EB
Description  Complete Backlight Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7680EB Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP7680EB Datasheet HTML 4Page - Sipex Corporation SP7680EB Datasheet HTML 5Page - Sipex Corporation SP7680EB Datasheet HTML 6Page - Sipex Corporation SP7680EB Datasheet HTML 7Page - Sipex Corporation SP7680EB Datasheet HTML 8Page - Sipex Corporation SP7680EB Datasheet HTML 9Page - Sipex Corporation SP7680EB Datasheet HTML 10Page - Sipex Corporation SP7680EB Datasheet HTML 11Page - Sipex Corporation SP7680EB Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
June 21-07 revH
SP7680: Complete Backlight Solution
2007 Sipex Corporation
Page 8
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6V, Typical Application Circuit, TA = 25°C unless otherwise noted. For 7 LED curves, LED7 anode
is connected to VOUT, not VIN.
Output Efficiency Vs VIN, 6 WLEDs
60
65
70
75
80
85
90
95
100
3.0
3.3
3.6
3.9
4.2
VIN (V)
ILED=15mA,Vf=3.4V
ILED=20mA,Vf=3.6V
ILED=25mA,Vf=3.8V
Output Efficiency Vs VIN, 7 WLEDs
60
65
70
75
80
85
90
95
100
3.0
3.3
3.6
3.9
4.2
VIN (V)
ILED=15mA,Vf=3.4V
ILED=20mA,Vf=3.6V
ILED=25mA,Vf=3.8V
Output Current Vs VIN, 6 WLEDs
50
100
150
200
3.0
3.3
3.6
3.9
4.2
VIN(V)
ILED=25mA,Vf=3.4V
ILED=20mA,Vf=3.6V
ILED=15mA,Vf=3.8V
Output Current Vs VIN, 7 WLEDs
50
100
150
200
3.0
3.3
3.6
3.9
4.2
VIN (V)
ILED=15mA,Vf=3.4V
ILED=20mA,Vf=3.6V
ILED=25mA,Vf=3.8V
LED Efficiency Vs VIN, 6 WLEDs
60
65
70
75
80
85
90
95
100
3.0
3.3
3.6
3.9
4.2
VIN (V)
ILED=15mA,Vf=3.4V
ILED=20mA,Vf=3.6V
ILED=25mA,Vf=3.8V
LED Efficiency Vs VIN, 7 WLEDs
60
65
70
75
80
85
90
95
100
3.0
3.3
3.6
3.9
4.2
VIN (V)
ILED=15mA,Vf=3.4V
ILED=20mA,Vf=3.6V
ILED=25mA,Vf=3.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com