Electronic Components Datasheet Search
  English  ▼

X  

B9302 Datasheet(PDF) 5 Page - EPCOS

Part # B9302
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9302 Datasheet(HTML) 5 Page - EPCOS

  B9302 Datasheet HTML 1Page - EPCOS B9302 Datasheet HTML 2Page - EPCOS B9302 Datasheet HTML 3Page - EPCOS B9302 Datasheet HTML 4Page - EPCOS B9302 Datasheet HTML 5Page - EPCOS B9302 Datasheet HTML 6Page - EPCOS B9302 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Aug 08, 2006
SAW Components
B9302
881,5 / 942,5 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Characteristics Filter 2 ( GSM900 )
Operating temperature range:
T
= -20 to +85˚C
Terminating source impedance:
ZS = 50 Ω (unbalanced)
Terminating load impedance:
ZL = 150 Ω (balanced) || 82nH
min.
typ.
max.
Center frequency
fc
—
942,5
—
MHz
Maximum insertion attenuation
α
max
925,0
... 960,0
MHz
—
1,6
2,1
dB
Amplitude ripple (p-p)
∆α
925,0
... 960,0
MHz
—
0,9
1,4
dB
Input VSWR
925,0
... 960,0
MHz
—
1,8
2,1
Output VSWR
925,0
... 960,0
MHz
—
1,9
2,2
Output amplitude balance
(|S31/S21|)
925,0
... 960,0
MHz
-1,1
-0,6/+0,6
1,1
dB
Output phase balance (
φ(S31)−φ(S21)+180˚)
925,0
... 960,0
MHz
-10
-2/+1
10
degree
Attenuation
α
min
10,0
... 480,0
MHz
45
54
—
dB
480,0
... 905,0
MHz
30
33
—
dB
905,0
... 915,0
MHz
20
27
—
dB
980,0
...1000,0
MHz
25
28
—
dB
1000,0
...1850,0
MHz
28
32
—
dB
1850,0
...1920,0
MHz
40
58
—
dB
1920,0
...6000,0
MHz
35
47
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com