Electronic Components Datasheet Search
  English  ▼

X  

B9303 Datasheet(PDF) 6 Page - EPCOS

Part # B9303
Description  SAW Rx 2in1 filter 1842.5 / 1960.0 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9303 Datasheet(HTML) 6 Page - EPCOS

Back Button B9303 Datasheet HTML 2Page - EPCOS B9303 Datasheet HTML 3Page - EPCOS B9303 Datasheet HTML 4Page - EPCOS B9303 Datasheet HTML 5Page - EPCOS B9303 Datasheet HTML 6Page - EPCOS B9303 Datasheet HTML 7Page - EPCOS B9303 Datasheet HTML 8Page - EPCOS B9303 Datasheet HTML 9Page - EPCOS B9303 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
August 22, 2006
B9303
1842.5 / 1960.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx 2in1 filter
Data sheet
Characteristics of Filter 2 (GSM 1900)
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 150 Ω || 15 nH (balanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1960.0
—
MHz
Maximum insertion attenuation
α
max
1930.0
... 1990.0
MHz
—
1.61)
1) Typical value excluding PCB losses of 0.20 dB
2.32)
2) 2.1 dB max at +25 ˚C
dB
Amplitude ripple (p-p)
∆α
1930.0
... 1990.0
MHz
—
0.6
1.33)
3) 1.0 dB max at +25 ˚C
dB
Input VSWR
1930.0
... 1990.0
MHz
—
1.7
2.0
Output VSWR
1930.0
... 1990.0
MHz
—
1.7
2.0
Output amplitude balance (|S31/S21|)
1930.0
... 1990.0
MHz
–1.2
–0.7/0.7
1.2
dB
Output phase balance (
φ(S
31) – φ(S21)+180˚)
1930.0
... 1990.0
MHz
–10
–5.0/3.0
10
˚
Differential to common mode suppression Ssc12
1930.0
... 1990.0
MHz
22
30
—
dB
Attenuation
α
10.0
... 1200.0
MHz
40
48
—
dB
1200.0
... 1510.0
MHz
35
43
—
dB
1510.0
... 1830.0
MHz
30
35
—
dB
1830.0
... 1850.0
MHz
26
31
—
dB
1850.0
... 1890.0
MHz
23
27
—
dB
1890.0
... 1910.0
MHz
124)
4) 13 dB max at +25 ˚C
17
—
dB
2010.0
... 2070.0
MHz
125)
5) 13 dB max at +25 ˚C
15
—
dB
2070.0
... 2400.0
MHz
21
25
—
dB
2400.0
... 2500.0
MHz
35
43
—
dB
2500.0
... 3860.0
MHz
28
35
—
dB
3860.0
... 3980.0
MHz
35
49
—
dB
3980.0
... 5790.0
MHz
28
45
—
dB
5790.0
... 6000.0
MHz
35
45
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com