Electronic Components Datasheet Search
  English  ▼

X  

8091578 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8091578
Description  On/off valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8091578 Datasheet(HTML) 1 Page - Festo Corporation.

  8091578 Datasheet HTML 1Page - Festo Corporation. 8091578 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
On/off valve
MS6-EE-1/2-V24-B
Part number: 8091578
General operating condition
Data sheet
Feature
Value
Series
MS
Size
6
Width dimension
62 mm
Structural design
Poppet valve, electrically actuated
Manual override
Detenting
Non-detenting
Reset method
Mechanical spring
Type of control
Pilot-controlled
Symbol
00991008
Valve function
3/2, closed, monostable
Operating pressure
0.3 MPa ... 0.7 MPa
Operating pressure
3 bar ... 7 bar
Lap
Underlap
Standard nominal flow rate
5000 l/min
Coil characteristics
24 V DC: 2.3 W
Permissible voltage fluctuations
+/- 10 %
On time
29 ms
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Corrosion resistance class (CRC)
1 - Low corrosion stress
Note on materials
RoHS-compliant
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Cleanroom class
Class 7 according to ISO 14644-1
Temperature of medium
-5 °C ... 50 °C
Degree of protection
IP65
Ambient temperature
-5 °C ... 50 °C
Type of mounting
With wall/surface bracket
Mounting position
Vertical +/- 5°
Product weight
517 g
Pneumatic connection 1
G1/2
Pneumatic connection 2
G1/2
Pneumatic connection 3
G1/2
Pilot air supply port
Internal
Electrical connection
Form C
as per EN 175301-803
Signal status display
With accessories
7/14/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8091578

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8091509 FESTO-8091509 Datasheet
89Kb / 2P
IO-Link Master USB
8091511 FESTO-8091511 Datasheet
88Kb / 2P
Connecting cable
7/18/22
8091512 FESTO-8091512 Datasheet
74Kb / 2P
Connecting cable
8091513 FESTO-8091513 Datasheet
86Kb / 2P
Connecting cable
7/19/22
8091514 FESTO-8091514 Datasheet
73Kb / 2P
Connecting cable
More results

Similar Description - 8091578

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
197129 FESTO-197129 Datasheet
85Kb / 1P
On off valve
4/1/22
197131 FESTO-197131 Datasheet
85Kb / 1P
On off valve
4/1/22
197134 FESTO-197134 Datasheet
86Kb / 1P
On off valve
4/1/22
153297 FESTO-153297 Datasheet
93Kb / 1P
On off valve
4/13/22
153480 FESTO-153480 Datasheet
102Kb / 1P
On off valve
4/13/22
153982 FESTO-153982 Datasheet
101Kb / 1P
On off valve
4/13/22
153987 FESTO-153987 Datasheet
101Kb / 1P
On off valve
4/13/22
153991 FESTO-153991 Datasheet
98Kb / 1P
On off valve
4/13/22
190870 FESTO-190870 Datasheet
102Kb / 1P
On off valve
4/13/22
190873 FESTO-190873 Datasheet
110Kb / 1P
On off valve
4/13/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com