Electronic Components Datasheet Search
  English  ▼

X  

B9305 Datasheet(PDF) 3 Page - EPCOS

Part # B9305
Description  SAW Rx 2in1 Filter 1842.5 / 1960.0 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9305 Datasheet(HTML) 3 Page - EPCOS

  B9305 Datasheet HTML 1Page - EPCOS B9305 Datasheet HTML 2Page - EPCOS B9305 Datasheet HTML 3Page - EPCOS B9305 Datasheet HTML 4Page - EPCOS B9305 Datasheet HTML 5Page - EPCOS B9305 Datasheet HTML 6Page - EPCOS B9305 Datasheet HTML 7Page - EPCOS B9305 Datasheet HTML 8Page - EPCOS B9305 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
October 16, 2006
B9305
1842.5 / 1960.0 MHz
SAW Components
SAW Rx 2in1 Filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics filter 1 (GSM1800)
Temperature range for specification:
T
= –10 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω (unbalanced)
Terminating load impedance:
ZL = 100 Ω (balanced) || 10nH
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1842.5
—
MHz
Maximum insertion attenuation
α
max
1805.0
... 1880.0
MHz
—
1.7
2.41)
1) -30 ˚C to +95 ˚C: 5.0 dB
dB
Amplitude ripple (p-p)
∆α
1805.0
... 1880.0
MHz
—
0.6
1.3
dB
Input VSWR
1805.0
... 1880.0
MHz
—
1.6
2.0
Output VSWR
1805.0
... 1880.0
MHz
—
1.6
2.0
Common mode suppression
Scs12
1805.0
... 1880.0
MHz
20.0
28.0
—
dB
824.0
...
995.0
MHz
20.0
44.0
—
dB
1648.0
... 1990.0
MHz
20.0
26.0
—
dB
3296.0
... 3980.0
MHz
20.0
30.0
—
dB
Attenuation
α
0.3
... 1000.0
MHz
40.0
57.0
—
dB
1000.0
... 1705.0
MHz
35.0
39.0
—
dB
1705.0
... 1785.0
MHz
12.02)
2) -30 ˚C to +95 ˚C: 10.0 dB
17.0
—
dB
1920.0
... 1980.0
MHz
24.03)
3) -30 ˚C to +95 ˚C: 10.0 dB
27.0
—
dB
1980.0
... 2400.0
MHz
30.0
34.0
—
dB
2400.0
... 2500.0
MHz
35.0
43.0
—
dB
2500.0
... 4000.0
MHz
35.0
46.0
—
dB
4000.0
... 6000.0
MHz
35.0
44.0
—
dB
6000.0
... 12750.0
MHz
20.0
35.0
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com