Electronic Components Datasheet Search
  English  ▼

X  

SP8027 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8027
Description  High Speed, Constant Bandwidth Differential APC Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8027 Datasheet(HTML) 2 Page - Sipex Corporation

  SP8027 Datasheet HTML 1Page - Sipex Corporation SP8027 Datasheet HTML 2Page - Sipex Corporation SP8027 Datasheet HTML 3Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ADVANCED
SP8027
Rev 0.0 11/22/04. SP8027 High Speed Differential APC Amplifier
Copyright 2004 Sipex Corporation
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-408-934-7500.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE OR
COPY
page
2 of 3
PIN ASSIGNMENTS
Pin #
Pin Name
Pin Function
1
Vcc
Supply Voltage. Bypass to GND with ceramic capacitor 0.1µF
2
Gain
Gain Switch Input. Low level or Open selects pin VG1, high level selects pin VG2
3
VBG
Common connection bias voltage output for Potentiometer1 and Potentiometer2
4
GND
Supply Ground
5
VG1
Gain Adjust Potentiometer1 wiper connection or control voltage input
6
VG2
Gain Adjust Potentiometer2 wiper connection or control voltage input
7
Vout(–)
Output Voltage Negative Swing
8
Vout(+)
Output Voltage Positive Swing
OPLGA 8-pin PACKAGE DIMENSIONS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com