Electronic Components Datasheet Search
  English  ▼

X  

B9307 Datasheet(PDF) 2 Page - EPCOS

Part # B9307
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9307 Datasheet(HTML) 2 Page - EPCOS

  B9307 Datasheet HTML 1Page - EPCOS B9307 Datasheet HTML 2Page - EPCOS B9307 Datasheet HTML 3Page - EPCOS B9307 Datasheet HTML 4Page - EPCOS B9307 Datasheet HTML 5Page - EPCOS B9307 Datasheet HTML 6Page - EPCOS B9307 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Dec 02, 2005
SAW Components
B9307
942,5 / 1842,5 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Chip Sized Saw Package QCS10H
0,26
0,65
0,50
bottom view
0,075
0,27
6
7
8
9
10
5
1234
side view
top view
2,0
Features
s
Low-loss 2in1 RF filter for mobile telephone
GSM900/1800 systems, receive path
s
Usable passband:
Filter 1 (GSM900):
35 MHz
Filter 2 (GSM1800):
75 MHz
s
Unbalanced to balanced operation of both filters
s
Impedance transformation from 50
Ω to 150 Ω
for both filters
s
Suitable for GPRS Class 1 to 12
s
Ceramic
package
for
Surface
Mounted
Technology (SMT)
Terminals
s
Ni, gold-plated
Dimensions in mm, approx. weight 0,008g.
Pin configuration
1
Input [ Filter 1 ]
4
Input [ Filter 2 ]
6, 7
Output, balanced [ Filter 2 ]
8, 9
Output, balanced [ Filter 1 ]
2, 3, 5,10
Case ground
Electrostatic Sensitive Device (ESD)
* - acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses
Type
Ordering code
Marking and Package
according to
Packing
according to
B9307
B39182-B9307-G110
C61157-A7-A141
F61074-V8152-Z000
Maximum ratings
Operable temperature range
T
– 40 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
5V
ESD voltage
VESD
50*
V
Machine Model, 10 pulses
Input power at
GSM850, GSM900,
GSM1800, GSM1900
Tx bands:
Filter 1 (GSM900)
PIN
15
dBm
effective power in the on-state,
Filter 2 (GSM1800)
PIN
15
dBm
duty cycle 4:8
2,3,5,10
4
1
8
7
6
9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com