Electronic Components Datasheet Search
  English  ▼

X  

B9310 Datasheet(PDF) 6 Page - EPCOS

Part # B9310
Description  SAW Rx 2in1 filter 881.5 / 1960.0 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9310 Datasheet(HTML) 6 Page - EPCOS

Back Button B9310 Datasheet HTML 2Page - EPCOS B9310 Datasheet HTML 3Page - EPCOS B9310 Datasheet HTML 4Page - EPCOS B9310 Datasheet HTML 5Page - EPCOS B9310 Datasheet HTML 6Page - EPCOS B9310 Datasheet HTML 7Page - EPCOS B9310 Datasheet HTML 8Page - EPCOS B9310 Datasheet HTML 9Page - EPCOS B9310 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Aug 17, 2006
B9310
881.5 / 1960.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx 2in1 filter
Data sheet
Characteristics of Filter 2 (GSM 850)
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 150 Ω || 82 nH (balanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
881.5
—
MHz
Maximum insertion attenuation
α
max
869.0
...
894.0
MHz
—
1.21)
1) Typical value excluding PCB losses of 0.15 dB
1.82)
2) 1.7 dB max at +25 ˚C
dB
Amplitude ripple (p-p)
∆α
869.0
...
894.0
MHz
—
0.5
1.03)
3) 0.9 dB max at +25 ˚C
dB
Input VSWR
869.0
...
894.0
MHz
—
1.7
2.0
Output VSWR
869.0
...
894.0
MHz
—
1.7
2.0
Output amplitude balance (|S31/S21|)
869.0
...
894.0
MHz
–1.0
–0.2/0.5
1.0
dB
Output phase balance (
φ(S
31) – φ(S21)+180˚)
869.0
...
894.0
MHz
–10
–4.0/3.0
10
˚
Attenuation
α
10.0
...
447.0
MHz
45
53
—
dB
447.0
...
849.0
MHz
30
34
—
dB
914.0
... 1000.0
MHz
25
27
—
dB
1000.0
... 1738.0
MHz
28
37
—
dB
1738.0
... 1788.0
MHz
40
60
—
dB
1788.0
... 3476.0
MHz
35
50
—
dB
3476.0
... 6000.0
MHz
40
48
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com