Electronic Components Datasheet Search
  English  ▼

X  

B9407 Datasheet(PDF) 3 Page - EPCOS

Part # B9407
Description  SAW Components Low-Loss Filter for Mobile Communication 1960.0 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9407 Datasheet(HTML) 3 Page - EPCOS

  B9407 Datasheet HTML 1Page - EPCOS B9407 Datasheet HTML 2Page - EPCOS B9407 Datasheet HTML 3Page - EPCOS B9407 Datasheet HTML 4Page - EPCOS B9407 Datasheet HTML 5Page - EPCOS B9407 Datasheet HTML 6Page - EPCOS B9407 Datasheet HTML 7Page - EPCOS B9407 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Nov 17, 2005
B9407
1960.0 MHz
SAW Components
Low-Loss Filter for Mobile Communication
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–10 to +85 ˚C
Terminating source impedance:
ZS =50Ω
Terminating load impedance:
ZL = 100 Ω || 12 nH (balanced)
min.
typ.
@ 25˚C
max.
Center frequency
fC
—
1960
—
MHz
Maximum insertion attenuation
α
max
1930.0 ... 1990.0
MHz
—
2.0
3.2
dB
Amplitude ripple (p-p)
∆α
1930.0 ... 1990.0
MHz
—
0.8
1.6
dB
Input VSWR
1930.0 ... 1990.0
MHz
—
1.7
2.3
Output VSWR
1930.0 ... 1990.0
MHz
—
1.7
2.3
Output amplitude balance (|S31/S21|)
1930.0 ... 1990.0
MHz
–1.5
-0.6/0.6
1.5
dB
Output phase balance (
φ(S
31)−φ(S21)+180˚)
1930.0 ... 1990.0
MHz
–10
6/3
10
˚
Common mode suppression
Scs21
824.0 ...
995.0
MHz
20
42
—
1648.0 ... 1990.0
MHz
20
26
—
1930.0 ... 1990.0
MHz
20
26
—
3296.0 ... 3980.0
MHz
20
31
—
Attenuation
α
0.0 ... 1830.0
MHz
30
40
—
1830.0 ... 1910.0
MHz
10
22
—
2010.0 ... 2070.0
MHz
10
17
—
2070.0 ... 2400.0
MHz
28
33
—
2400.0 ... 2500.0
MHz
40
45
—
2500.0 ... 4000.0
MHz
30
36
—
4000.0 ... 6000.0
MHz
30
40
—



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com