Electronic Components Datasheet Search
  English  ▼

X  

B9408 Datasheet(PDF) 3 Page - EPCOS

Part # B9408
Description  SAW Filter 2140.0 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9408 Datasheet(HTML) 3 Page - EPCOS

  B9408 Datasheet HTML 1Page - EPCOS B9408 Datasheet HTML 2Page - EPCOS B9408 Datasheet HTML 3Page - EPCOS B9408 Datasheet HTML 4Page - EPCOS B9408 Datasheet HTML 5Page - EPCOS B9408 Datasheet HTML 6Page - EPCOS B9408 Datasheet HTML 7Page - EPCOS B9408 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
December 20, 2005
B9408
2140.0 MHz
SAW Components
SAW Filter
Preliminary Data
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
= –10 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 200 Ω || 13 nH (balanced)
B94081)
1) Values in columns min, typ and max indicate the development status of the current version.
DGL2)
2) Values in column DesignGoal (DGL) indicate the target performance.
min.
typ.
@ 25 ˚C
max.
min./
max.
Center frequency
fC
—
2140.0
—
MHz
Maximum insertion attenuation
α
max
2110.0
... 2170.0
MHz
—
2.0
2.3
2.1
dB
Amplitude ripple (p-p)
∆α
2110.0
... 2170.0
MHz
—
0.9
1.2
1.0
dB
Input VSWR
2110.0
... 2170.0
MHz
—
1.9
2.3
2.0
Output VSWR
2110.0
... 2170.0
MHz
—
1.7
2.1
2.0
Output amplitude balance (|S31/S21|)
2110.0
... 2170.0
MHz
–1.0
–0.8/0.8
1.0
dB
Output phase balance (
φ(S
31) – φ(S21)+180˚)
2110.0
... 2170.0
MHz
–10
–4/4
10
˚
Attenuation
α
0.0
... 1920.0
MHz
30
42
—
dB
1920.0
... 1980.0
MHz
36
48
—
dB
1980.0
... 2025.0
MHz
23
31
—
dB
2025.0
... 2050.0
MHz
20
27
—
dB
2230.0
... 2255.0
MHz
18
28
—
dB
2255.0
... 2300.0
MHz
20
33
—
dB
2300.0
... 2402.0
MHz
25
34
—
dB
2402.0
... 2490.0
MHz
28
38
—
dB
2490.0
... 2550.0
MHz
32
43
—
dB
2550.0
... 4030.0
MHz
20
36
—
dB
4030.0
... 4220.0
MHz
34
51
—
dB
4220.0
... 4340.0
MHz
36
50
—
dB
4340.0
... 6000.0
MHz
40
46
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com