Electronic Components Datasheet Search
  English  ▼

X  

B9412 Datasheet(PDF) 3 Page - EPCOS

Part # B9412
Description  SAW Components Low-Loss Filter for Mobile Communication 2140.0 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9412 Datasheet(HTML) 3 Page - EPCOS

  B9412 Datasheet HTML 1Page - EPCOS B9412 Datasheet HTML 2Page - EPCOS B9412 Datasheet HTML 3Page - EPCOS B9412 Datasheet HTML 4Page - EPCOS B9412 Datasheet HTML 5Page - EPCOS B9412 Datasheet HTML 6Page - EPCOS B9412 Datasheet HTML 7Page - EPCOS B9412 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Aug 24, 2006
B9412
2140.0 MHz
SAW Components
Low-Loss Filter for Mobile Communication
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
–10 to +85 ˚C
Terminating source impedance:
ZS = 100 Ω (balanced)
Terminating load impedance:
ZL = 100 Ω (balanced)
min.
typ.
@ 25˚C
max.
Center frequency
fC
—
2140.0
—
MHz
Maximum insertion attenuation
α
max
2110.0 ... 2170.0
MHz
—
2.1
2.5
dB
Amplitude ripple (p-p)
∆α
2110.0 ... 2170.0
MHz
—
0.9
1.3
dB
Amplitude ripple per 5 MHz channel (p-p)
∆α
5MHz
2110.0 ... 2170.0
MHz
—
0.7
0.9
dB
Group delay variation over frequency on
5 MHz channel
∆τ
2110.0 ... 2170.0
MHz
—
14
20
ns
Output phase balance (
φ(S
out2)−φ(Sout1)+180˚)
2110.0 ... 2170.0
MHz
-10
± 510
˚
Output amplitude balance
(|S
out2/Sout1|)
2110.0 ... 2170.0
MHz
-1.0
± 0.5
1.0
dB
Input VSWR
vswrIN
2110.0 ... 2170.0
MHz
—
1.8
2.1
Output VSWR
vswrOUT
2110.0 ... 2170.0
MHz
—
1.8
2.1
Attenuation
α
min
0.3 ... 1920.0
MHz
25
32
—
dB
1920.0 ... 1980.0
MHz
30
33
—
dB
1980.0 ... 2075.0
MHz
13
35
—
dB
2400.0 ... 6000.0
MHz
20
33
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com