Electronic Components Datasheet Search
  English  ▼

X  

B9426 Datasheet(PDF) 3 Page - EPCOS

Part # B9426
Description  SAW Tx filter 836.5 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9426 Datasheet(HTML) 3 Page - EPCOS

  B9426 Datasheet HTML 1Page - EPCOS B9426 Datasheet HTML 2Page - EPCOS B9426 Datasheet HTML 3Page - EPCOS B9426 Datasheet HTML 4Page - EPCOS B9426 Datasheet HTML 5Page - EPCOS B9426 Datasheet HTML 6Page - EPCOS B9426 Datasheet HTML 7Page - EPCOS B9426 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
September 18, 2006
B9426
836.5 MHz
SAW Components
SAW Tx filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS = 200 Ω || 91 nH (balanced)
Terminating load impedance:
ZL =50 Ω
B9426
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
––
836.5
––
MHz
Maximum insertion attenuation
824.0
...
849.0
MHz
α
max
––
1.6
2.3
dB
@fCarrier
826.4
...
846.6
MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”) determined by
fCarrier according to 3GPP TS 25.101 (e.g. for Passband fCarrier ranges from 826.4 MHz (lowest Tx
channel) to 846.6 MHz (highest Tx channel). HRRC(f) is the transfer function of the root-raised cosine
transmit pulse shaping filter according to 3GPP TS 25.101 with the following normalization:
––
1.5
2.0
dB
Amplitude ripple (p-p)
∆α
824.0
...
849.0
MHz
––
0.5
1.2
dB
Error Vector Magnitude2)
2) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141
EVM
@fCarrier
826.4
...
846.6
MHz
––
2.0
%
Input VSWR
824.0
...
849.0
MHz
––
1.7
2.0
Output VSWR
824.0
...
849.0
MHz
––
1.7
2.0
Output amplitude balance
(|S31/S21|)
824.0
...
849.0
MHz
–1
–0.2 / 0.6
+1
dB
Output phase balance
(
φ(S
31) – φ(S21)+180˚)
824.0
...
849.0
MHz
–8
–5 / 4
+8
˚
Attenuation
α
0.0
...
800.0
MHz
35
40
––
dB
869.0
...
894.0
MHz
38
40
––
dB
@fCarrier
871.4
...
891.6
MHz
α
WCDMA
1)
41
––
dB
1574.4
... 1576.4
MHz
40
54
––
dB
1638.0
... 1708.0
MHz
40
52
––
dB
2462.0
... 2557.0
MHz
35
46
––
dB
3286.0
... 3406.0
MHz
40
52
––
dB
3406.0
... 4500.0
MHz
40
50
––
dB
4500.0
... 6000.0
MHz
35
40
––
dB
S
s
d21 f
()H
RRC ff Carrier
–
()
2
f
d
∞
∞
∫
H
RRC f
()
2
f1
=
d
∞
∞
∫



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com