Electronic Components Datasheet Search
  English  ▼

X  

RF3854 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3854
Description  LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3854 Datasheet(HTML) 5 Page - RF Micro Devices

  RF3854 Datasheet HTML 1Page - RF Micro Devices RF3854 Datasheet HTML 2Page - RF Micro Devices RF3854 Datasheet HTML 3Page - RF Micro Devices RF3854 Datasheet HTML 4Page - RF Micro Devices RF3854 Datasheet HTML 5Page - RF Micro Devices RF3854 Datasheet HTML 6Page - RF Micro Devices RF3854 Datasheet HTML 7Page - RF Micro Devices RF3854 Datasheet HTML 8Page - RF Micro Devices RF3854 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5 of 26
RF3854
Rev A1 DS070313
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
General Conditions
Local Oscillator
LO LB Input Frequency
960
990
MHz
RF WB Output Frequency
1920
1980
MHz
Input Power
-10.0
0.0
+3.0
dBm
IQ Baseband Inputs
3GPP W-CDMA
HQPSK, 1DPCCH+1DPDCH
IQ Level
0.8
VP-P
Input IQ signal driven differentially and in
quadrature.
IQ Common Mode
1.2
V
Input Bandwidth
811
MHz
Baseband Filter Attenuation
10
dB
At 40MHz offset
Output Performance with CW Baseband Inputs
Wideband Mode
Mode=Wideband FLOx2 (see Control Logic Truth Table for Mode Control
Settings)
VGA and PA Driver
VCC=2.7V, T=+25°C, LO=975MHz to
990MHz at -10dBm, IQ=540mVP-P** at
100kHz, unless otherwise noted
Output Power W-CDMA Modu-
lated*
5
dBm
GC=2.0V, IQ=0.8VP-P at HQPSK
Output Power CW
258
dBm
GC=2.0V
Gain Control Voltage Range
0.2
2.0
V
Gain Control Range
92
dB
Difference between output power at GC=2.0V
and GC=0.2V
Gain Control Slope
73
dB/V
Calculated between GC=1.0V and 0.5V
Modulator
Sideband Suppression
-48
-30
dBc
GC=2.0V, No I/Q adjustment
*
-50
-30
dBc
GC=1.5V, No I/Q adjustment
*
-50
-30
dBc
GC=1.0V, No I/Q adjustment
*
-50
-30
dBc
GC=0.5V, No I/Q adjustment
Carrier Suppression
-42
-30
dBc
GC=2.0V, No I/Q adjustment
-41
-30
dBc
GC=1.5V, No I/Q adjustment
-38
-30
dBc
GC=1.0V, No I/Q adjustment
-23
-10
dBc
GC=0.5V, No I/Q adjustment
3rd Harmonic of Modulation
Suppression at FC-3x300kHz
-55
-50
dBc
GC=2.0V
Spurious Outputs
Spurious Output at Integer Multi-
ples of FLO LB*
GC=2.0V, I/Q=540mVP-P at 100kHz
FLO LB
-60.0
dBm
FLO LB leakage
4xFLO LB
-14.0
0
dBm
Second harmonic of carrier
6xFLO LB
-47.0
0
dBm
Third harmonic of carrier
Output Compression
Output P1dB*
+11.5
dBm
I/Q=100kHz
* Not tested in Production
** Provides the same output power as modulated signal with associated crest factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com