Electronic Components Datasheet Search
  English  ▼

X  

RF3865 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3865
Description  WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3865 Datasheet(HTML) 5 Page - RF Micro Devices

  RF3865 Datasheet HTML 1Page - RF Micro Devices RF3865 Datasheet HTML 2Page - RF Micro Devices RF3865 Datasheet HTML 3Page - RF Micro Devices RF3865 Datasheet HTML 4Page - RF Micro Devices RF3865 Datasheet HTML 5Page - RF Micro Devices RF3865 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 of 6
RF3865
Rev A0 DS070622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
5V Noise Figure versus Temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1500.0
2000.0
2500.0
3000.0
Frequency (MHz)
-40
25
85
5V Gain versus Temperature
22.0
23.0
24.0
25.0
26.0
27.0
28.0
29.0
30.0
31.0
32.0
1500.0
2000.0
2500.0
3000.0
Frequency (MHz)
-40
25
85
5V OIP3 versus Temperature
34.0
34.5
35.0
35.5
36.0
36.5
37.0
37.5
38.0
38.5
1500.0
2000.0
2500.0
3000.0
Frequency (MHz)
-40
25
85
5V P1dB versus Temperature
20.0
20.5
21.0
21.5
22.0
22.5
23.0
23.5
1500.0
2000.0
2500.0
3000.0
Frequency (MHz)
-40
25
85
5V Noise Figure versus Temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
Frequency (GHz)
-40
25
85
5V Gain versus Temperature
17.0
17.5
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.0
22.5
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
Frequency (GHz)
-40
25
85



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com