Electronic Components Datasheet Search
  English  ▼

X  

RF5111 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5111
Description  3V DCS POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5111 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF5111 Datasheet HTML 3Page - RF Micro Devices RF5111 Datasheet HTML 4Page - RF Micro Devices RF5111 Datasheet HTML 5Page - RF Micro Devices RF5111 Datasheet HTML 6Page - RF Micro Devices RF5111 Datasheet HTML 7Page - RF Micro Devices RF5111 Datasheet HTML 8Page - RF Micro Devices RF5111 Datasheet HTML 9Page - RF Micro Devices RF5111 Datasheet HTML 10Page - RF Micro Devices RF5111 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2-7
RF5111
Rev A1 060921
Because of the inverting stage at the APC input, the current through the PIN diode is inverted from the APC voltage.
Thus, when VAPC is high for maximum output power, the attenuator is turned off to obtain maximum drive level for the
first RF stage. When VAPC is low for maximum isolation, the attenuator is be turned on to reduce the drive level and to
avoid self-biasing.
The PIN diode is dimensioned such that a low VAPC the impedance of the diode is about 50 Ohm. Since the input imped-
ance of the first RF stage become very high when the bias is turned off, this topology will maintain a good input imped-
ance over the entire VAPC control range.
VCC1 and VCC2 provide supply voltage to the first and second stage, as well as provides some frequency selectivity to
tune to the operating band. Essentially, the bias is fed to this pin through a short microstrip. A bypass capacitor sets the
inductance seen by the part, so placement of the bypass cap can affect the frequency of the gain peak. This supply
should be bypassed individually with 100pF capacitors before being combined with VCC for the output stage to prevent
feedback and oscillations.
The RF OUT pin provides the output power. Bias for the final stage is fed to this output line, and the feed must be capa-
ble of supporting the approximately 1.5A of current required. Care should be taken to keep the losses low in the bias
feed and output components. A narrow microstrip line is recommended because DC losses in a bias choke will degrade
efficiency and power.
While the part is safe under CW operation, maximum power and reliability will be achieved under pulsed conditions. The
data shown in this data sheet is based on a 12.5% duty cycle and a 600
μs pulse, unless specified otherwise.
The part will operate over a 3.0V to 5.0V range. Under nominal conditions, the power at 3.5V will be greater than
+32dBm at +85°C. As the voltage is increased, however, the output power will increase. Thus, in a system design, the
ALC (Automatic Level Control) Loop will back down the power to the desired level. This must occur during operation, or
the device may be damaged from too much power dissipation. At 5.0V, over +36dBm may be produced; however, this
level of power is not recommended, and can cause damage to the device.
The HBT breakdown voltage is >20V, so there is no issue with overvoltage. However, under worst-case conditions, with
the RF drive at full power during transmit, and the output VSWR extremely high, a low load impedance at the collector of
the output transistors can cause currents much higher than normal. Due to the bipolar nature of the devices, there is no
limitation on the amount of current the device will sink, and the safe current densities could be exceeded.
High current conditions are potentially dangerous to any RF device. High currents lead to high channel temperatures and
may force early failures. The RF5111 includes temperature compensation circuits in the bias network to stabilize the RF
transistors, thus limiting the current through the amplifier and protecting the devices from damage. The same mechanism
works to compensate the currents due to ambient temperature variations.
To avoid excessively high currents it is important to control the VAPC when operating at supply voltages higher than 4.0V,
such that the maximum output power is not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com