Electronic Components Datasheet Search
  English  ▼

X  

RF5117C Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5117C
Description  3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5117C Datasheet(HTML) 5 Page - RF Micro Devices

  RF5117C Datasheet HTML 1Page - RF Micro Devices RF5117C Datasheet HTML 2Page - RF Micro Devices RF5117C Datasheet HTML 3Page - RF Micro Devices RF5117C Datasheet HTML 4Page - RF Micro Devices RF5117C Datasheet HTML 5Page - RF Micro Devices RF5117C Datasheet HTML 6Page - RF Micro Devices RF5117C Datasheet HTML 7Page - RF Micro Devices RF5117C Datasheet HTML 8Page - RF Micro Devices RF5117C Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2-577
RF5117C
Rev A5 060517
The RF5117C can be used with an IEEE802.11g modulation with a few modifications. Pin 2 should not be connected to
ground and a 4.7k
Ω resistor should be placed on the V
REG1 line. This is done on the evaluation board by cutting the
VREG1 trace and placing the resistor on the open line. All other components should not be modified and the IEEE802.11g
schematic should be followed as closely as possible.
Power sensing is implemented with the PWR SEN and PWR REF lines. The outputs of these pins are transistor collec-
tors and need to be pulled up to the supply through a resistor. PWR REF provides an output current proportional to the
output stage bias current, and PWR SEN provides an output current proportional to the total (RF and bias) current of the
output stage. The pull-up resistors convert these currents to voltages, and the voltage difference between these two pins
is proportional to the RF current. See the graph, “VREF-VSENSE versus POUT”, for the response of this signal. This differ-
ence signal can be fed to a power control circuit elsewhere in the end product, or it can be processed at the PA with addi-
tional circuitry and used to adjust the VREG voltage(s) to implement automatic level control. Contact RFMD Sales or
Applications Engineering for additional data and guidance in using this feature.
The RF5117C has primarily been characterized with a voltage on VREG1 and VREG2 of 2.7VDC. However, the RF5117C
will operate from a wide range of control voltages. If you prefer to use a control voltage that is significantly different than
2.7VDC, contact RFMD Sales or Applications Engineering for additional data and guidance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com