Electronic Components Datasheet Search
  English  ▼

X  

RF5163PCBA-WD Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5163PCBA-WD
Description  3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5163PCBA-WD Datasheet(HTML) 2 Page - RF Micro Devices

  RF5163PCBA-WD Datasheet HTML 1Page - RF Micro Devices RF5163PCBA-WD Datasheet HTML 2Page - RF Micro Devices RF5163PCBA-WD Datasheet HTML 3Page - RF Micro Devices RF5163PCBA-WD Datasheet HTML 4Page - RF Micro Devices RF5163PCBA-WD Datasheet HTML 5Page - RF Micro Devices RF5163PCBA-WD Datasheet HTML 6Page - RF Micro Devices RF5163PCBA-WD Datasheet HTML 7Page - RF Micro Devices RF5163PCBA-WD Datasheet HTML 8Page - RF Micro Devices RF5163PCBA-WD Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2-628
RF5163
Rev A12 061114
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5.5
VDC
Power Control Voltage (VPC)
-0.5 to 3.3
V
DC Supply Current
1000
mA
Input RF Power
+15
dBm
Operating Ambient Temperature
-10 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture sensitivity
JEDEC Level 3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, VCC=5.0V, VREG1,2=3V,
Freq=2450MHz
Frequency Range
2400 to 2500
MHz
Compliance
IEEE802.11g and IEEE802.11b
Output Power
+26
dBm
With 802.11g modulation (54 Mbit/s) and
meeting 802.11g spectral mask @ <2.5%
maximum EVM (RMS, mean).
EVM
2.0
%
Increase over EVM floor; RF POUT=+26dBm
Gain
20
dB
@ +6dBm RF Pin
Input Impedance
Ω
Please see Theory of Operation.
Output VSWR
10:1
No oscillation
Power Down
VCC and VCC1 are “ON”
0.6
VDC
Pin 3 (P_DOWN) Voltage<0.6VDC
VCC and VCC1 are “OFF”
4.0
5.0
VDC
Pin 3 (P_DOWN) Voltage>2.5VDC
Power Supply
Operating Voltage
3.0 to 5.0
V
Current Consumption
520
mA
Power Down “ON”, POUT=+26dBm
260
mA
Idle current
VREG (Bias) Voltage (VREG1,
VREG2)
3.0
V
VREG (Bias) Current (Total)
5
mA
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com