Electronic Components Datasheet Search
  English  ▼

X  

RF5187 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5187
Description  LOW POWER LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5187 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5187 Datasheet HTML 1Page - RF Micro Devices RF5187 Datasheet HTML 2Page - RF Micro Devices RF5187 Datasheet HTML 3Page - RF Micro Devices RF5187 Datasheet HTML 4Page - RF Micro Devices RF5187 Datasheet HTML 5Page - RF Micro Devices RF5187 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2-651
RF5187
Rev A7 060630
Pin
Function
Description
Interface Schematic
1RF IN
RF input. This input is DC-coupled, so an external blocking capacitor is
required if this pin is connected to a DC path. An optimum match to
50
Ω is obtained by providing an external series capacitor of 2.4pF and
then a shunt capacitor of 2.4pF. Those values are typical for 2140MHz;
other values may be required for other frequencies.
2RF IN
Same as pin 1.
3PC
Power control pin. For obtaining maximum performance, the voltage on
this pin can be used to set correct bias level. For low power linear appli-
cations, it is recommended that a constant bias control loop be used
(see datasheet evaluation board schematic). A voltage of 0.5V or less
at VPC brings the part into Power Down State.
4VCC
Power supply pin for the bias circuits. External low frequency bypass
capacitors should be connected if no other low frequency decoupling is
nearby.
5RF OUT
RF output and bias for the output stage. The power supply for the out-
put transistor needs to be supplied to this pin. This can be done
through a quarter-wavelength microstrip line that is RF-grounded at the
other end, or through an RF inductor that supports the required DC cur-
rents. Optimum load impedance is achieved by providing a shunt
capacitor of 1.8pF and a series capacitor of 3.3pF. Those values are
typical for 2140MHz; other values may be required for other frequen-
cies. Since there are several output pins available (which are internally
connected), one pin can be used for connecting the bias, another for
connecting a (third) harmonic trap filter, and the other pins for the RF
output.
6RF OUT
Same as pin 5.
7RF OUT
Same as pin 5.
8RF OUT
Same as pin 5.
Pkg
Base
GND
Ground connection. The backside of the package should be connected
to the ground plane through a short path (i.e., vias under the device
may be required).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com