Electronic Components Datasheet Search
  English  ▼

X  

RF5198 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5198
Description  3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5198 Datasheet(HTML) 5 Page - RF Micro Devices

  RF5198 Datasheet HTML 1Page - RF Micro Devices RF5198 Datasheet HTML 2Page - RF Micro Devices RF5198 Datasheet HTML 3Page - RF Micro Devices RF5198 Datasheet HTML 4Page - RF Micro Devices RF5198 Datasheet HTML 5Page - RF Micro Devices RF5198 Datasheet HTML 6Page - RF Micro Devices RF5198 Datasheet HTML 7Page - RF Micro Devices RF5198 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2-5
RF5198
Rev A5 060310
Application Schematic
Circuit Optimization for Various Output Power Requirements
Output Power (dBm)
Matching Component
Sample Part Number
Typical Efficiency (%)
28
12nH
LQG15HN12NJ02D (Murata)
41
27.5
N/A
42
26.5
0.5pF
GRM1555C1HR50BZ01E (Murata)
42
26
1.0pF
GRM1555C1H1R0BZ01E (Murata)
42
25
1.5pF
GRM1555C1H1R5BZ01E (Murata)
41
1 nF
VREG
VMODE
1 nF
1 nF
10
μF
V
CC
1 nF
RF IN
RF OUT/
Z
LOAD
Place the 1 nF capacitor next
to RF5198 with minimal trace
length to the PA.
VCC BIAS
The 8.2nH inductor may be
required for isolation of VCC1
and VCC2 depending on layout.
VCC BIAS may be connected
to VCC; however, VCC must be
maintained above 1.5 V.
NOTE:
Additional averaging or lowpass filtering is required on this
pin to reduce the voltage ripple due to the W-CDMA
modulation. A lowpass cutoff frequency is selected through
trade-off between acceptable amplitude ripple and rise/fall
time. The 5.1 k
Ω resistor to ground provides a DC return
for the detector temperature compensation circuitry.
RDET
5.1 k
Ω
VDET
16
15
14
13
1
2
3
4
8
7
6
5
9
10
11
12
Bias
IMN
OMN
Interstage MN
Q1
Q2
Integrated
Power
Detector
8.2 nH
Matching
Component
(See Table Below)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com