Electronic Components Datasheet Search
  English  ▼

X  

RF5263 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5263
Description  3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5263 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5263 Datasheet HTML 1Page - RF Micro Devices RF5263 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7-31
7
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
VREG1
P DOWN
RF IN
BIAS VCC
GND
RF OUT
RF OUT
RF OUT
15
14
13
12
11
10
4
3
2
1
16
9
8
7
6
5
3
rd
Stage
2
nd
Stage
1
st
Stage
Interstage
Match
Interstage
Match
Bias
Detector
RF5263
3.3V TO 5.0V, 2.5GHz
LINEAR POWER AMPLIFIER
The RF5263 is a linear power amplifier IC designed specifically for
medium power applications. The device is manufactured on an advanced
InGaP Heterojunction Bipolar Transistor (HBT) process, and has been
designed for use as the final RF amplifier in 802.11g/n access point
transmitters. The device is provided in a 4mmx4mm, 16-pin, leadless
chip carrier with a backside ground. The RF5263 is designed to maintain
linearity over a wide range of supply voltages and power outputs.
Features
Single 3.3V or 5.0V Power Sup-
ply
34dB Small Signal Gain (typ.)
<2% EVM (RMS) 54Mbps @
+26dBm
Separate Power Detect/Power
Down Pins
Multiple Frequency Ranges
Applications
802.11b/g/n Access Points
PCS Communication Systems
2.4GHz ISM Band Applications
Commercial and Consumer Sys-
tems
WiBro 2.3GHz to 2.4GHz Band
Applications
WiMAX 2.5GHz to 2.7GHz Band
Applications
RF5263
3.3V to 5.0V, 2.5GHz Linear Power Amplifier, Matte-Sn (Pb-
free) Finish
RF5263WLPCK-410 2.4-2.5GHz WLAN Fully Assembled Eval PCB
RF5263WBPCK-410 2.3-2.4GHz WiBro Fully Assembled Eval PCB
RF5263WMPCK-410 2.5-2.7GHz WiMAX Fully Assembled Eval PCB
Rev A4 DSB070521
Preliminary
RF52633.3V
to 5.0V,
2.5GHz Lin-
ear Power
Amplifier
Pb-Free Product
Package Style: QFN, 16-Pin, 4 x 4


Similar Part No. - RF5263

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5216 RFMD-RF5216 Datasheet
499Kb / 22P
Quad-Band GSM, Linear EDGE Transmit Module with Fourteen High Linearity TRX Switch Ports
RF5222 RFMD-RF5222 Datasheet
216Kb / 8P
3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5222PCBA-41X RFMD-RF5222PCBA-41X Datasheet
216Kb / 8P
3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5288 RFMD-RF5288 Datasheet
1Mb / 15P
3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
RF5288PCK-410 RFMD-RF5288PCK-410 Datasheet
1Mb / 15P
3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
More results

Similar Description - RF5263

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
RF Micro Devices
RF2163 RFMD-RF2163_06 Datasheet
148Kb / 10P
3V, 2.5GHz LINEAR POWER AMPLIFIER
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFPA5200 RFMD-RFPA5200 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
RFPA5201E RFMD-RFPA5201E Datasheet
248Kb / 7P
WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RFPA5201E QORVO-RFPA5201E Datasheet
248Kb / 7P
WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
RFPA5200 QORVO-RFPA5200 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com