Electronic Components Datasheet Search
  English  ▼

X  

SPX431A Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX431A
Description  Precision Adjustable Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431A Datasheet(HTML) 2 Page - Sipex Corporation

  SPX431A Datasheet HTML 1Page - Sipex Corporation SPX431A Datasheet HTML 2Page - Sipex Corporation SPX431A Datasheet HTML 3Page - Sipex Corporation SPX431A Datasheet HTML 4Page - Sipex Corporation SPX431A Datasheet HTML 5Page - Sipex Corporation SPX431A Datasheet HTML 6Page - Sipex Corporation SPX431A Datasheet HTML 7Page - Sipex Corporation SPX431A Datasheet HTML 8Page - Sipex Corporation SPX431A Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Rev F: Nov 2-06
SPX43A,B,C Precision Adjustable Shunt Regulator
© 2006 Sipex Corporation
TyPICAL ThERmAL RESISTANCES
PACKAGE
ØJA
ØJC
TyPICAL DERATING
SOT-89
107.1°C/W 8°C/W
9.1 mW/°C
SOIC-8
124.8°C/W 45°C/W
5.7 mW/°C
SOT-23-5 191°C/W 150°C/W
1.7 mW/°C
TO-92
131.9°C/W 80°C/W
6.3 mW/°C
SOT-23-3 300°C/W 136°C/W
3.3 mW/°C
ABSOLUTE mAXImUm RATINGS
Cathode-Anode Reverse Breakdown Vka ......................................37V
Anode-Cathode Forward Current, (<10ms) Iak ................................A
Operating Cathode Current Ika ..................................................150mA
Reference Input Current Iref ......................................................0mA
Continuous Power Dissipation at 25°C Pd
SOIC-8 .....................................................................750mW
SOT-23-5 ................................................................200 mW
SOT-23-3 ................................................................47 mW
SOT-89..................................................................000mW\
TO-92 .......................................................................775mW
Junction Temperature Tj ........................................................... 150 °C
Storage Temperature Tstg ...............................................-65 to 150 °C
NOTE: Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this speci-
fication is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
RECOmmENDED CONDITIONS
Typical deratings of the thermal resistances are given for ambient
temperature >25°.
Cathode Voltage
VKA
VREF to 36
V
Cathode Current
IK
0
mA
PARAmETER
SymBOL
RATING
UNIT
ELECTRICAL ChARACTERISTICS
Electrical characteristics at 25°C Ik = 10mA Vk = Vref, unless otherwise specified.
Parameter
Symbol
Test
Conditions
Test
Circuit
SPX431A
SPX431B
SPX431C
Unit
min
Typ
max
min
Typ
max
min
Typ
max
Reference Voltage
V
REF
T
J = 0°C to
105°C


2.490
2.469 2.503
2.515
2.536
2.470
2.449 2.495
2.520
2.541 2.445 2.495 2.545
V
V
∆V
REF with Temp.
TC

0.07
0.20
0.07
0.20
0.07
0.20
mV/
°C
Ratio of Change
in V
REF to Cath-
ode Voltage
∆Vref
∆Vk
V
REF to 10V
10V to 36V
2
-2.7
-2
-.0
-0.4
0.3
-2.7
-2.0
-.0
-0.4
0.3
-2.7
-2
-.0
-0.4
0.3
mV/
V
Reference Input
Current
I
REF
2
0.7
4
0.7
4
0.7
4
µA
I
REF Temp
Deviation
∆I
REF
T
J = 0°C to
105°C
2
0.4
.2
0.4
.2
0.4
.2
µA
Min I
K for
Regulation
I
K(MIN)

0.4

0.4

0.4

mA
Off State Leak-
age
I
K(OFF)
V
REF = 0V,
V
KA = 36V
3
0.04
250
0.04
500
0.04
000
nA
Dynamic Output
Impedance
Z
KA
f
Z = 1kHz
I
K = 1 to 150mA

0.15
0.5
0.15
0.5
0.15
0.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com