Electronic Components Datasheet Search
  English  ▼

X  

RF6263 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF6263
Description  3V 900MHZ LINEAR POWER AMPLIFIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6263 Datasheet(HTML) 5 Page - RF Micro Devices

  RF6263 Datasheet HTML 1Page - RF Micro Devices RF6263 Datasheet HTML 2Page - RF Micro Devices RF6263 Datasheet HTML 3Page - RF Micro Devices RF6263 Datasheet HTML 4Page - RF Micro Devices RF6263 Datasheet HTML 5Page - RF Micro Devices RF6263 Datasheet HTML 6Page - RF Micro Devices RF6263 Datasheet HTML 7Page - RF Micro Devices RF6263 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 of 8
RF6263
Rev A0 DS070622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic - CDMA
16
15
14
13
1
2
3
4
8
7
6
5
9
10
11
12
Bias
C3
2200 pF
C30
4.7
μF
VREG
VMODE
C40
4.7
μF
J1
RF IN
VCC1
C2
100 pF
C6
DNI
L1
2.2 nH
C1
2200 pF
J2
RF OUT
GND
P1-3
VRE
G
P1-5
VMODE
GND
GND
P1
1
2
3
4
5
CON5
P2
1
2
3
4
5
CON5
GND
P2-3
VCC1
GND
GND
P2-5
VCC2
R1
DNI
C20
4.7
μF
VCC2
C4
2200 pF
C10
22
μF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com