Electronic Components Datasheet Search
  English  ▼

X  

RF7115 Datasheet(PDF) 18 Page - RF Micro Devices

Part # RF7115
Description  QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7115 Datasheet(HTML) 18 Page - RF Micro Devices

Back Button RF7115 Datasheet HTML 14Page - RF Micro Devices RF7115 Datasheet HTML 15Page - RF Micro Devices RF7115 Datasheet HTML 16Page - RF Micro Devices RF7115 Datasheet HTML 17Page - RF Micro Devices RF7115 Datasheet HTML 18Page - RF Micro Devices RF7115 Datasheet HTML 19Page - RF Micro Devices RF7115 Datasheet HTML 20Page - RF Micro Devices RF7115 Datasheet HTML 21Page - RF Micro Devices RF7115 Datasheet HTML 22Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
11-382
RF7115
Rev A0 060808
Application Schematic
2
3
4
5
9
13
6
14
15
16
21
7
8
1
Fully Integrated
Power Control Circuit
and Switch Decoder
pHEMT
Switch
10
GND: Internally
connected to HB Q2
De-coupling Capacitor
requires external GND
11
12
GND: Connected to
backside GND
16 - 20
22
LB RF IN
50
Ωμstrip
VSENSE
Customer Option.
See Application Note.
B1
B2
VBATT
4.7 uF
B3
TXEN
Optional
depending on
BB selection
VRAMP
50
Ωμstrip
HB RFIN
33 pF
33 pF
33 pF
33 pF
RX1
RX2
RX3
RX4
50
Ωμstrip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com