Electronic Components Datasheet Search
  English  ▼

X  

SPX431LJ Datasheet(PDF) 11 Page - Sipex Corporation

Part # SPX431LJ
Description  Low Voltage Adjustable Precision Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431LJ Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SPX431LJ Datasheet HTML 4Page - Sipex Corporation SPX431LJ Datasheet HTML 5Page - Sipex Corporation SPX431LJ Datasheet HTML 6Page - Sipex Corporation SPX431LJ Datasheet HTML 7Page - Sipex Corporation SPX431LJ Datasheet HTML 8Page - Sipex Corporation SPX431LJ Datasheet HTML 9Page - Sipex Corporation SPX431LJ Datasheet HTML 10Page - Sipex Corporation SPX431LJ Datasheet HTML 11Page - Sipex Corporation SPX431LJ Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image

Date: 7/26/06 Rev C
SPX43LJ Low Voltage Adjustable Precision Shunt Regulator
© 2006 Sipex Corporation
Package: 3 Pin SOT-89
Mechanical Dimensions (Continued)
SOT-89
Unit: mm(inch)
.400(0.0)*
.630(0.064)
4.400(0.73)
0.360(0.04)
0.440(0.07)
3.000(0.)
2.300(0.0)
.400(0.0)
0.360(0.04)
0
3
0
R0.200(0.00)
R0.0(0.006)
0.000(0.000)
3
.600(0.063)
0.440(0.07)
0.60(0.022)
2.600(0.02)
0.40(0.0)
4.600(0.)
.30(0.072)
0.076(0.003)
0.360(0.04)
0.40(0.0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com