Electronic Components Datasheet Search
  English  ▼

X  

SPX432AM Datasheet(PDF) 10 Page - Sipex Corporation

Part # SPX432AM
Description  1.24V Precision Adjustable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX432AM Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SPX432AM Datasheet HTML 3Page - Sipex Corporation SPX432AM Datasheet HTML 4Page - Sipex Corporation SPX432AM Datasheet HTML 5Page - Sipex Corporation SPX432AM Datasheet HTML 6Page - Sipex Corporation SPX432AM Datasheet HTML 7Page - Sipex Corporation SPX432AM Datasheet HTML 8Page - Sipex Corporation SPX432AM Datasheet HTML 9Page - Sipex Corporation SPX432AM Datasheet HTML 10Page - Sipex Corporation SPX432AM Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Date: 12/11/04
SPX432 1.24V Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation
PACKAGE: 3PIN TO 92
D
W
L
e1
e
b
A
S1
a(2x)
E
R
SYMBOL
MIN
NOM
MAX
A
0.17
-
0.195
b
0.014
-
0.02
E
0.13
-
0.155
e
0.95
-
0.105
e1
0.045
-
0.055
L
0.5
-
0.61
R
0.085
-
0.095
S1
0.045
-
0.06
W
0.016
-
0.022
D
0.175
-
0.195
a4º
-
6º
Note: Dimensions in (inches)
3 Pin TO-92



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com