Electronic Components Datasheet Search
  English  ▼

X  

SPX432M Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX432M
Description  1.24V Precision Adjustable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX432M Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SPX432M Datasheet HTML 2Page - Sipex Corporation SPX432M Datasheet HTML 3Page - Sipex Corporation SPX432M Datasheet HTML 4Page - Sipex Corporation SPX432M Datasheet HTML 5Page - Sipex Corporation SPX432M Datasheet HTML 6Page - Sipex Corporation SPX432M Datasheet HTML 7Page - Sipex Corporation SPX432M Datasheet HTML 8Page - Sipex Corporation SPX432M Datasheet HTML 9Page - Sipex Corporation SPX432M Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Date: 12/11/04
SPX432 1.24V Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation
IKA = 0 to 100mA.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN
VOUT
IKA = 0 to 1mA.
VIN
VOUT
Test Circuit for Pulse Response.
GND
VIN
fP = 100kHz
50Ω
R
VOUT
IK
IKA = 0 to 80mA.
VIN
VOUT
IKA = 0 to 50mA.
VIN
VOUT
IKA = 0 to 10mA.
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com