Electronic Components Datasheet Search
  English  ▼

X  

SPX1117 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX1117
Description  800mA Low Dropout Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1117 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX1117 Datasheet HTML 1Page - Sipex Corporation SPX1117 Datasheet HTML 2Page - Sipex Corporation SPX1117 Datasheet HTML 3Page - Sipex Corporation SPX1117 Datasheet HTML 4Page - Sipex Corporation SPX1117 Datasheet HTML 5Page - Sipex Corporation SPX1117 Datasheet HTML 6Page - Sipex Corporation SPX1117 Datasheet HTML 7Page - Sipex Corporation SPX1117 Datasheet HTML 8Page - Sipex Corporation SPX1117 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Apr 20-07 Rev B
SPX1117 800mA Low Dropout Voltage Regulator
© 2007 Sipex Corporation
Power Dissipation.......................................Internally Limited
Lead Temperature (soldering, 5 seconds)
...............260°C
Storage Temperature Range.......................-65°C to +150°C
Operating Junction Temperature Range.....-40°C to +125°C
Input Supply Voltage .................................................... +20V
Input to Output Voltage ................................................ 18.8V
ESD Rating.................................................................2kV min
These are sterss ratings only and functional operation of the
device at these ratings or any other above those indicated in the
operation sections of the specifications below is not implied.
Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
T
A = 25°C, CIN = COUT = 10µF, unless otherwise specified. The Boldface applies over the full operating temperature range.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
1.5V Version
Output Voltage
I
OUT = 5mA, VIN =3.0V, TJ = 25ºC
1.485
1.500
1.515
V
5mA
≤ I
OUT ≤ 800mA, 2.9V ≤ VIN ≤ 10V
1.470
1.530
1.8V Version
Output Voltage
I
OUT = 5mA, VIN =3.3V, TJ = 25ºC
1.782
1.800
1.818
V
5mA
≤ I
OUT ≤ 800mA, 3.2V ≤ VIN ≤ 10V
1.764
1.836
2.5V Version
Output Voltage
I
OUT = 5mA, VIN =4.0V, TJ = 25ºC
2.475
2.500
2.525
V
5mA
≤ I
OUT ≤ 800mA, 3.9V ≤ VIN ≤ 10V
2.450
2.550
2.85V Version
Output Voltage
I
OUT = 5mA, VIN =4.35V, TJ = 25ºC
2.821
2.850
2.878
V
5mA
≤ I
OUT ≤ 800mA, 4.25V ≤ VIN ≤ 10V
2.793
2.907
3.00V Version
Output Voltage
I
OUT = 5mA, VIN =4.5V, TJ = 25ºC
2.970
3.000
3.030
V
5mA
≤ I
OUT ≤ 800mA, 4.4V ≤ VIN ≤ 10V
2.940
3.060
3.30V Version
Output Voltage
I
OUT = 5mA, VIN =4.8V, TJ = 25ºC
3.267
3.300
3.333
V
5mA
≤ I
OUT ≤ 800mA, 4.7V ≤ VIN ≤ 10V
3.234
3.366
5V Version
Output Voltage
I
OUT = 5mA, VIN =6.5V
4.950
5
5.050
V
5mA
≤ I
OUT ≤ 800mA, 6.4V ≤ VIN ≤ 12V
4.90
5.10
All Voltage Options
Reference Voltage
I
OUT=5mA, (VIN - VOUT )= 2V, TJ = 25ºC
1.238
1.250
1.262
V
5mA
≤I
OUT≤ 800mA, 1.4V≤(VIN-VOUT)≤ 10V
1.225
1.270
Output Voltage
0.3
%
Temperature Stability
Line Regulation
V
INMIN ≤VIN≤ 12V,VOUT=Fixed/Adj,
(Note 1)
I
OUT=5mA
3
7
mV
Load Regulation
5mA
≤I
OUT≤ 800mA,VOUT=Fixed/Adj
6
12
mV
(Note 1)
Dropout Voltage
I
OUT=100mA
1.00
1.20
V
(Note 2)
I
OUT=500mA
1.05
1.25
I
OUT=800mA
1.10
1.30
Quiescent Current
4.25V
≤V
IN≤ 6.5V
5
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com