Electronic Components Datasheet Search
  English  ▼

X  

SPX431LCS Datasheet(PDF) 12 Page - Sipex Corporation

Part # SPX431LCS
Description  Precision Adjustable Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431LCS Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SPX431LCS Datasheet HTML 4Page - Sipex Corporation SPX431LCS Datasheet HTML 5Page - Sipex Corporation SPX431LCS Datasheet HTML 6Page - Sipex Corporation SPX431LCS Datasheet HTML 7Page - Sipex Corporation SPX431LCS Datasheet HTML 8Page - Sipex Corporation SPX431LCS Datasheet HTML 9Page - Sipex Corporation SPX431LCS Datasheet HTML 10Page - Sipex Corporation SPX431LCS Datasheet HTML 11Page - Sipex Corporation SPX431LCS Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
Date: 5/25/04
SPX431L Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation5
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
PART NUMBER
ACCURACY
OUTPUT VOLTAGE
PACKAGES
SPX431LAM ........................ 0.5% .............. 2.503V ................................ 3-Pin SOT-23
SPX431LAM/TR .................. 0.5% .............. 2.503V ................................ 3-Pin SOT-23
SPX431LAM1 ...................... 0.5% .............. 2.503V ................................ 3-Pin SOT-89
SPX431LAM1/TR ................ 0.5% .............. 2.503V ................................ 3-Pin SOT-89
SPX431LAS ........................ 0.5% .............. 2.503V .................................. 8-Pin nSOIC
SPX431LAS/TR ................... 0.5% .............. 2.503V .................................. 8-Pin nSOIC
SPX431LAN ........................ 0.5% .............. 2.503V .................................. 3-Pin TO-92
SPX431LAN/TR .................. 0.5% .............. 2.503V .................................. 3-Pin TO-92
SPX431LM .......................... 1.0% .............. 2.495V ................................ 3-Pin SOT-23
SPX431LM/TR .................... 1.0% .............. 2.495V ................................ 3-Pin SOT-23
SPX431LM1 ........................ 1.0% .............. 2.495V ................................ 3-Pin SOT-89
SPX431LM1/TR .................. 1.0% .............. 2.495V ................................ 3-Pin SOT-89
SPX431LS ........................... 1.0% .............. 2.495V .................................. 8-Pin nSOIC
SPX431LS/TR ..................... 1.0% .............. 2.495V .................................. 8-Pin nSOIC
SPX431LN ........................... 1.0% .............. 2.495V .................................. 3-Pin TO-92
SPX431LN/TR ..................... 1.0% .............. 2.495V .................................. 3-Pin TO-92
SPX431LCM ........................ 2.0% .............. 2.495V ................................ 3-Pin SOT-23
SPX431LCM/TR .................. 2.0% .............. 2.495V ................................ 3-Pin SOT-23
SPX431LCM1 ...................... 2.0% .............. 2.495V ................................ 3-Pin SOT-89
SPX431LCM1/TR ................ 2.0% .............. 2.495V ................................ 3-Pin SOT-89
SPX431LCS ........................ 2.0% .............. 2.495V .................................. 8-Pin nSOIC
SPX431LCS/TR .................. 2.0% .............. 2.495V .................................. 8-Pin nSOIC
SPX431LCN ........................ 2.0% .............. 2.495V .................................. 3-Pin TO-92
SPX431LCN/TR .................. 2.0% .............. 2.495V .................................. 3-Pin TO-92
ORDERING INFORMATION
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SPX431LM/TR = standard; SPX431LM-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 2,000 for TO-92, 2,500 for SOT-89, SOT-23, and SOT-23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com