Electronic Components Datasheet Search
  English  ▼

X  

SP6683UEB Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6683UEB
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6683UEB Datasheet(HTML) 5 Page - Sipex Corporation

  SP6683UEB Datasheet HTML 1Page - Sipex Corporation SP6683UEB Datasheet HTML 2Page - Sipex Corporation SP6683UEB Datasheet HTML 3Page - Sipex Corporation SP6683UEB Datasheet HTML 4Page - Sipex Corporation SP6683UEB Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
TABLE1: SP6683 BILL OF MATERIALS
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP6683
UEB ............................. -40°C to +85°C...................SP6683 Evaluation Board
SP6683ER.....................................-40
°C to +85°C...................................... 10-pin DFN
SP6683 Evaluation Board List of Materials
Ref. Des.
Qty. Manufacturer
Part Number
Layout Size
Component
Vendor
LxWxH
1
Sipex Corp.
1"x1.6"
SP6683 Eval PC Board, 146-6548-00
Sipex 978-667-8700
U1
1
Sipex Corp.
SP6683ER
DFN-10
10 PIN High Efficiency Charge Pump Regulator
Sipex 978-667-8700
C1,C2,C4,C5
4
TDK Corp
TDKC1608X5R1A105K
603
1uF/10V/X5R/10% Ceramic
TDK 847-803-6100
C3
2
TDK Corp
TDKC1608X7R1E104K
603
0.1uF/10V/X7R/10% Ceramic
TDK 847-803-6100
D1-D6
Open
R1
1
603
191K/ 63mW/1%
800-Digi-Key
R2
1
603
100K/ 63mW/1%
800-Digi-Key
R3
1
603
1.0M/ 63mW/5%
800-Digi-Key
R4-R9
603
20Ohms/63mV/1%
800-Digi-Key
TP
6
Mill-Max
0300-115-01-4727100
.042 Dia
Test Point Female Pin
800-Digi-Key



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com