Electronic Components Datasheet Search
  English  ▼

X  

SPX3819 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SPX3819
Description  500mA, Low-Noise LDO Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX3819 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SPX3819 Datasheet HTML 5Page - Sipex Corporation SPX3819 Datasheet HTML 6Page - Sipex Corporation SPX3819 Datasheet HTML 7Page - Sipex Corporation SPX3819 Datasheet HTML 8Page - Sipex Corporation SPX3819 Datasheet HTML 9Page - Sipex Corporation SPX3819 Datasheet HTML 10Page - Sipex Corporation SPX3819 Datasheet HTML 11Page - Sipex Corporation SPX3819 Datasheet HTML 12Page - Sipex Corporation SPX3819 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
ORDERING INFORMATION
Part Number
Accuracy
MSL Level
Status
Package
Pack Type
Quantity
RoHS
SPX3819R2-L
0.01
L1 @ 250ºC
EOL
DFN8
Not in Bulk
3000
Yes
SPX3819R2-L-1-5
0.01
L1 @ 250ºC
EOL
DFN8
Not in Bulk
3000
Yes
SPX3819R2-L-1-8
0.01
L1 @ 250ºC
EOL
DFN8
Not in Bulk
3000
Yes
SPX3819R2-L-3-3
0.01
L1 @ 250ºC
EOL
DFN8
Not in Bulk
3000
Yes
SPX3819R2-L-5-0
0.01
L1 @ 250ºC
EOL
DFN8
Not in Bulk
3000
Yes
SPX3819R2-1-2
0.01
L1 @ 240ºC
EOL
DFN8
Not in Bulk
3000
No
SPX3819R2-3-3
0.01
L1 @ 240ºC
EOL
DFN8
Not in Bulk
3000
No
SPX3819R2-1-2/TR
0.01
L1 @ 240ºC
EOL
DFN8
Tape & Reel
3000
No
SPX3819S/TR
0.01
L1 @ 240ºC
EOL
NSOIC8
Tape & Reel
2500
No
SPX3819S-2-5/TR
0.01
L1 @ 240ºC
EOL
NSOIC8
Tape & Reel
2500
No
SPX3819S
0.01
L1 @ 240ºC
EOL
NSOIC8
TUBE
98
No
SPX3819S-2-5
0.01
L1 @ 240ºC
EOL
NSOIC8
TUBE
98
No
SPX3819S-3-3/TR
0.01
L1 @ 240ºC
EOL
SOIC-8
Tape & Reel
2500
No
SPX3819S-1-8
0.01
L1 @ 240ºC
EOL
SOIC-8
TUBE
98
No
SPX3819S-3-3
0.01
L1 @ 240ºC
EOL
SOIC-8
TUBE
98
No
SPX3819S-5-0
0.01
L1 @ 240ºC
EOL
SOIC-8
TUBE
98
No
SPX3819M5
0.01
L1 @ 240ºC
EOL
SOT-23-5
Not in Bulk
2500
No
SPX3819M5-1-2
0.01
L1 @ 240ºC
EOL
SOT-23-5
Not in Bulk
2500
No
SPX3819M5-1-5
0.01
L1 @ 240ºC
EOL
SOT-23-5
Not in Bulk
2500
No
SPX3819M5-1-8
0.01
L1 @ 240ºC
EOL
SOT-23-5
Not in Bulk
2500
No
SPX3819M5-2-5
0.01
L1 @ 240ºC
EOL
SOT-23-5
Not in Bulk
2500
No
SPX3819M5-3-0
0.01
L1 @ 240ºC
EOL
SOT-23-5
Not in Bulk
2500
No
SPX3819M5-3-1
0.01
L1 @ 240ºC
EOL
SOT-23-5
Not in Bulk
2500
No
SPX3819M5-3-3
0.01
L1 @ 240ºC
EOL
SOT-23-5
Not in Bulk
2500
No
SPX3819M5-5-0
0.01
L1 @ 240ºC
EOL
SOT-23-5
Not in Bulk
2500
No
SPX3819M5/TR
0.01
L1 @ 240ºC
EOL
SOT-23-5
Tape & Reel
2500
No
SPX3819M5-1-2/TR
0.01
L1 @ 240ºC
EOL
SOT-23-5
Tape & Reel
2500
No
SPX3819M5-1-5/TR
0.01
L1 @ 240ºC
EOL
SOT-23-5
Tape & Reel
2500
No
SPX3819M5-1-8/TR
0.01
L1 @ 240ºC
EOL
SOT-23-5
Tape & Reel
2500
No
SPX3819M5-2-5/TR
0.01
L1 @ 240ºC
EOL
SOT-23-5
Tape & Reel
2500
No
SPX3819M5-3-0/TR
0.01
L1 @ 240ºC
EOL
SOT-23-5
Tape & Reel
2500
No
SPX3819M5-3-3/TR
0.01
L1 @ 240ºC
EOL
SOT-23-5
Tape & Reel
2500
No
SPX3819M5-5-0/TR
0.01
L1 @ 240ºC
EOL
SOT-23-5
Tape & Reel
2500
No
Solved by
TM
For further assistance:
Email:
Sipexsupport@sipex.com
WWW Support page:
http://www.sipex.com/content.aspx?p=support
Sipex Application Notes:
http://www.sipex.com/applicationNotes.aspx
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
tel: (408) 934-7500
fax: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not
assume any liability arising out of the application or use of any product or circuit described herein; neither
does it convey any license under its patent rights nor the rights of others.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com